Electronic Components Datasheet Search
  English  ▼

X  

1755075 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1755075
Description  Printed-circuit board connector - MSTBV 2,5/13-G-5,08 BK AU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1755075 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1755075 Datasheet HTML 1Page - PHOENIX CONTACT 1755075 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1755075
10/24/2014   Page 1 / 2
Printed-circuit board connector - MSTBV 2,5/13-G-5,08 BK AU - 1755075
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 12 A, Number of positions: 13, Pitch: 5.08 mm, Color: black, Contact surface: Gold
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
5.4 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
60.96 mm
General
Range of articles
MSTBV 2,5/..-G
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Color
black
Number of positions
13
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402


Similar Part No. - 1755075

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
175507 TEC-175507 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
More results

Similar Description - 1755075

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1758788 PHOENIX-1758788 Datasheet
175Kb / 6P
Printed-circuit board connector - MSTBV 2,5/ 6-G-5,08 BK
1747304 PHOENIX-1747304 Datasheet
58Kb / 4P
Printed-circuit board connector - MSTBV 2,5/13-G-5,08 AU
1747540 PHOENIX-1747540 Datasheet
58Kb / 4P
Printed-circuit board connector - MSTBV 2,5/17-G-5,08 AU
1758775 PHOENIX-1758775 Datasheet
48Kb / 3P
Printed-circuit board connector - MSTBV 2,5/16-G-5,08 BK
1758791 PHOENIX-1758791 Datasheet
57Kb / 4P
Printed-circuit board connector - MSTBV 2,5/18-G-5,08 BK
1759428 PHOENIX-1759428 Datasheet
57Kb / 4P
Printed-circuit board connector - MSTBV 2,5/10-G-5,08 BK
1759431 PHOENIX-1759431 Datasheet
55Kb / 4P
Printed-circuit board connector - MSTBV 2,5/ 8-G-5,08 BK
1808719 PHOENIX-1808719 Datasheet
54Kb / 3P
Printed-circuit board connector - MSTBV 2,5/ 7-G-5,08 BK
1820742 PHOENIX-1820742 Datasheet
43Kb / 2P
Printed-circuit board connector - MSTBV 2,5/ 9-G-5,08 BK
1820807 PHOENIX-1820807 Datasheet
45Kb / 2P
Printed-circuit board connector - MSTBV 2,5/22-G-5,08 BK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com