Electronic Components Datasheet Search
  English  ▼

X  

1754850 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1754850
Description  MSTB 2,5/23-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754850 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1754850 Datasheet HTML 1Page - PHOENIX CONTACT 1754850 Datasheet HTML 2Page - PHOENIX CONTACT 1754850 Datasheet HTML 3Page - PHOENIX CONTACT 1754850 Datasheet HTML 4Page - PHOENIX CONTACT 1754850 Datasheet HTML 5Page - PHOENIX CONTACT 1754850 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MSTB 2,5/23-ST Order No.: 1754863
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1754863
PHOENIX CONTACT Deutschland GmbH
Page 4 / 6
http://www.phoenixcontact.de
Jan 28, 2011
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
Additional products
Item
Designation
Description
General
1900057
EMSTBA 2,5/23-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 23, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Press-in
1915783
EMSTBVA 2,5/23-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 23, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Press-in
1754850
MSTB 2,5/23-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 23, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1768396
MSTB 2,5/23-G-LA
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 23, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1757679
MSTBA 2,5/23-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 23, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1770698
MSTBA 2,5/23-G-LA
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 23, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1753851
MSTBV 2,5/23-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 23, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1755710
MSTBVA 2,5/23-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 23, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1769447
SMSTB 2,5/23-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 23, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1767355
SMSTBA 2,5/23-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 23, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com