Electronic Components Datasheet Search
  English  ▼

X  

L2SC3357 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SC3357
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC3357 Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SC3357 Datasheet HTML 1Page - Leshan Radio Company L2SC3357 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC3357NPN
TRANSISTOR
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
1.简述:
本芯片采用双极硅外延工艺制造,具有高功率增益放大以及低噪声特性,大动
态范围,理想的电流线性;
主要应用于超高频微波、
VHF、UHF 和 CATV 等产品上的高频宽带低噪声放大
器;
集电极-发射极击穿电压:
BVCEO=12V,最大集电极电流:IC=200mA;最大
集电极耗散功率:
PC=1200mW,特征频率:fT=6.5GHz;
封装形式:
SOT89,直流放大倍数对应本体印字:
CLASSIFICATION OF hFE
Rank
RH
RF
RE
Range
100
80~160
125
Marking
RH
RF
RE
2.极限参数
(Tamb=25℃):
参数名称
符号
额定值
单位
集电极-基极击穿电压
BVCBO
20
V
集电极-发射极击穿电压
BVCEO
12
V
发射极-基极击穿电压
BVEBO
3
V
集电极电流
IC
200
mA
耗散功率
PT
1200
mW
最高结温
TJ
150
℃
储存温度
Tstg
-65~+150
℃
3.电参数及规格(Tamb=25℃):
参数名称
符号
测试条件
最小值
典型值
最大值
单位
集电极截止电流
ICBO
VCB=10V,IE=0
-
-
1.0
μA
发射极截止电流
IEBO
VEB=1.0V,IC=0
-
-
1.0
μA
直流电流放大系数
hFE
VCE=10V,IC=20mA
特征频率
fT
VCE=10V,IC=20mA
-
6.5
-
GHz
VCE=10V,IC=7mA,f=1.0GHz
-
1.1
-
dB
噪声系数
NF
VCE=10V,IC=40mA,f=1.0GHz
-
1.8
3.0
dB
反馈电容
Cre
IC=ic=0,VCB=10V,f=1MHz
-
0.65
1.0
pF
插入功率增益
∣S21∣2
IC=20mA,VCE=10V,f=1GHz
-
9
-
dB
SOT89
1
3
2
Emitter
Collector 2&4
Base
3
1
4
L 2SC3357
NPN
TRANSISTOR
80
RF
160
=15V
=300mA
15
V
300
mA
80
80
120
120
160


Similar Part No. - L2SC3357

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC3356LT1G LRC-L2SC3356LT1G Datasheet
122Kb / 4P
High-Frequency Amplifier Transistor
L2SC3356LT1G LRC-L2SC3356LT1G_15 Datasheet
145Kb / 4P
High Frequency Amplifier Transistor
L2SC3356LT3G LRC-L2SC3356LT3G Datasheet
122Kb / 4P
High-Frequency Amplifier Transistor
L2SC3356RLT1G LRC-L2SC3356RLT1G Datasheet
644Kb / 4P
The L2SC3356RLT1 is an NPN silicon epitaxial transistor designed for
L2SC3356RLT3G LRC-L2SC3356RLT3G Datasheet
644Kb / 4P
The L2SC3356RLT1 is an NPN silicon epitaxial transistor designed for
More results

Similar Description - L2SC3357

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC3582 NEC-2SC3582 Datasheet
99Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC5195 NEC-2SC5195 Datasheet
63Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4095 RENESAS-2SC4095 Datasheet
329Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA806T RENESAS-UPA806T Datasheet
209Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com