Electronic Components Datasheet Search
  English  ▼

X  

HM6218 Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6218
Description  High Speed LDO Regulators, High PSRR, Low noise, HM6218 Series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6218 Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM6218 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6218 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6218 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6218 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6218 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6218 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6218 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6218 Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6218 Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
HM6218A25 (VIN= VOUT+1V,CIN=CL=1uF,Ta=25OC,unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage
VOUT(E)
(Note 2)
IOUT=30mA,
VIN= VOUT+1V
X 0.99
VOUT (T)
(Note 1)
X
1.01
V
Maximum Output
Current
IOUTMAX
VIN= VOUT+1V
400
mA
Load Regulation
∆
VOUT
VIN= VOUT+1V , 1mA≤IOUT≤100mA
9
mV
Dropout Voltage
(Note 3)
VDIF1
IOUT =100mA
80
mV
VDIF2
IOUT =200mA
180
mV
Supply Current
ISS
VIN= VOUT+1V
30
60
μA
Line Regulation
∆VOUT
∆
VIN • VOUT
IOUT =30mA
VOUT+1V ≤VIN≤6.5V
0.1
1.0
%/V
Output noise
EN
IOUT =40mA,300Hz~50kHz
50
uVrms
Ripple Rejection Rate
PSRR
VIN = [VOUT +1]V
+1Vp-pAC
IOUT=10mA,1kHZ
70
dB
IOUT=100mA,10kHZ
62
IOUT=200mA,10kHZ
62
Short-circuit Current
ISHORT
VIN= VOUT+1V, VOUT=0V
60
mA
HM6218H15 (VIN= VOUT+1V,VCE = GND,CIN=CL=1uF,Ta=25OC, unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage
VOUT(E)
(Note 2)
IOUT=30mA,
VIN= VOUT+1V
X 0.98
VOUT (T)
(Note 1)
X
1.02
V
Maximum Output
Current
IOUTMAX
VIN= VOUT+1V
300
mA
Load Regulation
∆
VOUT
VIN= VOUT+1V , 1mA≤IOUT≤100mA
9
mV
Dropout Voltage
(Note 3)
VDIF1
IOUT =100mA
200
mV
VDIF2
IOUT =200mA
400
mV
Supply Current
ISS
VIN= VOUT+1V
30
60
μA
Stand-by Current
ICEL
VCE=VIN
0.1
1.0
μA
Line Regulation
∆VOUT
∆
VIN • VOUT
IOUT =30mA
VOUT+1V ≤VIN≤6.5V
0.05
%/V
CE “High” Voltage
VCEH
Shut down
1.0
V
CE “Low” Voltage
VCEL
Start up
0.4
V
Output noise
EN
IOUT =40mA,300Hz~50kHz
50
uVrms
Ripple Rejection Rate
PSRR
VIN = [VOUT
+1]V+1Vp-pAC
IOUT=10mA,1kHZ
70
dB
Note :
1. VOUT (T) :Specified Output Voltage
2.VOUT (E) :Effective Output Voltage ( le. The output voltage when “VOUT (T)+1.0V”is provided at the Vin pin while
maintaining a certain Iout value.)
3.VDIF:VIN1 –VOUT (E)’
VIN1 :The input voltage when VOUT(E)’ appears as input voltage is gradually decreased.
VOUT (E)’=A voltage equal to 98% of the output voltage whenever an amply stabilized Iout {VOUT (T)+1.0V}
is input.
HM6218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com