Electronic Components Datasheet Search
  English  ▼

X  

HM8067 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8067
Description  3mA-600mA Linear Li-ion battery charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8067 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8067 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8067 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8067 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8067 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8067 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8067 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8067 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8067 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8067 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
/
12
3
67bYWW
4
6
CHRG
GND
BAT
PROG
VCC
5
STDBY
SOT-23-6L
HM8067A-SOT26-R
HM8067B-SOT26-R
HM8067C-SOT26-R
67aYWW→4.35V
67bYWW→4.20V
67cYWW→3.70V
67bYWW(b
YWW
)
CHRG
1
CHRG
CHRG
GND
2
BAT
3
4.2V
VCC
4
VCC
4V
8V
10μF
VCC
BAT
30mV
HM8067
IBAT
1μA
STDBY
5
STDBY
STDBY
PROG
6
1%
RPROG
1V
PROG
0.2μA
PROG
2.7V
65μA
RPROG
HM8067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com