Electronic Components Datasheet Search
  English  ▼

X  

SS24L Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # SS24L
Description  Surface Mount Schottky Barrier Recitifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SS24L Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  SS24L Datasheet HTML 1Page - HY ELECTRONIC CORP. SS24L Datasheet HTML 2Page - HY ELECTRONIC CORP. SS24L Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and Characteristic Curves
SS22L THRU SS210L
The curve above is for reference only.
SS2*L-7-99-00/01
Rev. 11, 18-May-2020
0
0.5
1
1.5
2
2.5
0
50
100
150
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Surge Current
Number of Cycles at 60Hz
0
10
20
30
40
50
60
1
10
100
8.3mS Single Half-Sine-Wave
(JEDEC METOD)
Ambient Temperature (℃)
0.1
1
10
0
0.2
0.4
0.6
0.8
1
TJ=25°C
Pulse Width 300uS
2%Duty Cycle
Fig. 4 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
TJ=75°C
TJ=100°C
TJ=125°C
SS22L-SS24L
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
TJ=25°C
Pulse Width 300uS 2%Duty
Cycle
Fig. 5 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
TJ=75°C
TJ=100°C
TJ=125°C
SS25L-SS26L
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
TJ=25°C
Pulse Width 300uS 2%Duty
Cycle
Fig. 6 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
TJ=75°C
TJ=100°C
TJ=125°C
SS28L-SS210L
Fig. 3 - Typical Reverse Characteristics
0.001
0.01
0.1
1
10
20
40
60
80
100
TJ=25°C
TJ=75°C
TJ=100°C
TJ=125°C
Percent of Rated Peak Reverse Voltage (%)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com