Electronic Components Datasheet Search
  English  ▼

X  

SS53 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SS53
Description  Surface Mount Schottky Barrier Recitifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SS53 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SS53 Datasheet HTML 1Page - HY ELECTRONIC CORP. SS53 Datasheet HTML 2Page - HY ELECTRONIC CORP. SS53 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
SMC
●
Low power loss, high efficiency
●
For surface mounted applications
RoHS
●
Low forward voltage drop
COMPLIANT
●
High surge capacity
●
Meet UL flammability classification 94V-0
Mechanical Data
●
Case: JEDEC SMC molded plastic
●
Polarity: Color band denotes cathode
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in low voltage, high frequency inverters,
polarity protection applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
SS52
SS53
SS54
SS55
SS56
SS58
SS510
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward Rectified Current @TL=95 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 5.0A DC (Note1)
VF
V
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=100℃
Typical Junction Capacitance (Note 2)
CJ
pF
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Typical Thermal Resistance Junction to Lead
RθJL
℃/W
Typical Thermal Resistance Junction to Case
RθJC
℃/W
Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
Notes: 1. 300uS pulse width, 2%duty cycle.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. The typical data above is for reference only .
SS5*-13-00-00/01
Rev. 11, 18-May-2020
IFSM
IR
Pb
A
mA
150
1.0
50
17
15
-55 to+150
-55 to+150
500
350
80
Package Outline Dimensions in Inches (Millimeters)
5.0
0.55
0.70
0.85
www.hygroup.com.tw
SS52 THRU SS510
Reverse Voltage - 20 to 100Volts
Forward Current - 5.0 Amperes
Surface Mount Schottky Barrier Recitifiers


Similar Part No. - SS53

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS53 JINANJINGHENG-SS53 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS53 YANGJIE-SS53 Datasheet
156Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS53 FRONTIER-SS53 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS53 LUGUANG-SS53 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS53 LUGUANG-SS53 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS53

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
1N5820 HY-1N5820_V01 Datasheet
405Kb / 3P
Surface Mount Schottky Barrier Recitifiers
SS32B HY-SS32B_V01 Datasheet
418Kb / 3P
Surface Mount Schottky Barrier Recitifiers
SR520 HY-SR520_V01 Datasheet
450Kb / 4P
Surface Mount Schottky Barrier Recitifiers
SR520E HY-SR520E_V01 Datasheet
523Kb / 4P
Surface Mount Schottky Barrier Recitifiers
MBRB2030CT HY-MBRB2030CT Datasheet
426Kb / 3P
Surface Mount Schottky Barrier Recitifiers
MBRF1030 HY-MBRF1030_V01 Datasheet
443Kb / 3P
Surface Mount Schottky Barrier Recitifiers
S10P45 HY-S10P45_V01 Datasheet
338Kb / 3P
Surface Mount Schottky Barrier Recitifiers
S10P45L HY-S10P45L Datasheet
375Kb / 3P
Surface Mount Schottky Barrier Recitifiers
S10P45U HY-S10P45U_V01 Datasheet
391Kb / 3P
Surface Mount Schottky Barrier Recitifiers
S15P45U HY-S15P45U Datasheet
313Kb / 3P
Surface Mount Schottky Barrier Recitifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com