Electronic Components Datasheet Search
  English  ▼

X  

MJD47 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD47
Description  NPN SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD47 Datasheet(HTML) 3 Page - ON Semiconductor

  MJD47 Datasheet HTML 1Page - ON Semiconductor MJD47 Datasheet HTML 2Page - ON Semiconductor MJD47 Datasheet HTML 3Page - ON Semiconductor MJD47 Datasheet HTML 4Page - ON Semiconductor MJD47 Datasheet HTML 5Page - ON Semiconductor MJD47 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJD47 MJD50
3
Motorola Bipolar Power Transistor Device Data
0.02
IC, COLLECTOR CURRENT (AMPS)
1
0.8
1.4
1.2
0.4
0
0.6
0.2
VBE(sat) @ IC/IB = 5 V
VBE(on) @ VCE = 4 V
VCE(sat) @ IC/IB = 5 V
0.02
IC, COLLECTOR CURRENT (AMPS)
2
0.06
0.2
2
40
10
100
VCE = 10 V
TJ = 150°C
60
0.1
0.6
25
°C
– 55
°C
20
0.04
0.4
1
200
4
6
Figure 3. DC Current Gain
t, TIME (ms)
1
0.01
1 k
0.3
0.2
0.07
R
θJC(t) = r(t) RθJC
R
θJC = 8.33°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.01
Figure 4. “On” Voltages
0.7
Figure 5. Thermal Response
0.5
0.1
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1
2
3
5
10
20
30
50
100
200 300
500
0.06
0.2
2
0.1
0.6
0.04
0.4
1
0.2
SINGLE PULSE
D = 0.5
0.05
TJ = 25°C
0.1
0.02
0.01
5
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.005
500
1
0.2
0.05
0.02
SECOND BREAKDOWN LIMIT
THERMAL LIMIT @ 25
°C
WIRE BOND LIMIT
20
200
10
TC ≤ 25°C
100
µs
1 ms
dc
0.01
0.1
0.5
2
5
Figure 6. Active Region Safe Operating Area
100
50
300
CURVES APPLY BELOW
RATED VCEO
MJD50
MJD47
500
µs
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 6 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in Fig-
ure 5. At high case temperatures, thermal limitations will re-
duce the power that can be handled to values less than the
limitations imposed by second breakdown.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com