Electronic Components Datasheet Search
  English  ▼

X  

HFD16 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD16
Description  SUBMINIATURE SIGNAL RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD16 Datasheet(HTML) 1 Page - Hongfa Technology

  HFD16 Datasheet HTML 1Page - Hongfa Technology HFD16 Datasheet HTML 2Page - Hongfa Technology HFD16 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shock resistance
File No.: E133481
Dielectric
strength
H type: 200mW;
Coil power
H
HONGFA RELAY
Pick-up
Voltage
VDC1)
max.
Drop-out
Voltage
VDC1)
min.
Max.
Voltage2)
VDC
3A 30VDC
1A 125VAC
Features
Plastic sealed,
Flux proofed
ISO9001, ISO/TS16949 , ISO14001, OHSAS18001, IECQ QC 080000 CERTIFIED
File No.: R50075326
2020 Rev. 1.00
5A 125VAC
1A 125VAC,85oC
3A 30VDC,85oC
AgNi
AgSnO2
1A 125VAC ,85oC
3A 30VDC, 85oC
TV-1 125VAC
1A 250VAC
1A 125VAC, 85oC
3A 30VAC, 85oC
3A 250VAC
AgNi
AgSnO2
TÜV
1A 250VAC,85oC
3A 30VAC, 85oC
1(1) 250VAC
3A 250VAC
between open contacts(10/160 µ s)
between coil & contacts(2/10 µ s)
Surge withstand voltage
RoHS compliant
AgNi, AgSnO2
Insulation resistance
between coil & contacts
between open contacts
Operate time (at rated voltage.)
Release time (at rated voltage.)
Functional
Destructive
Functional
Destructive
CONTACT DATA
1000M (at 500VDC)
1100VAC 1min
750VAC 1min
5ms max.
5ms max.
98m/s2
980m/s2
10Hz to 55Hz 1.5mm DA
10Hz to 55Hz 3.3mm DA
SUBMINIATURE SIGNAL RELAY
CHARACTERISTICS
COIL
COIL DATA
Contact material
Nominal
Voltage
VDC
Coil Resistance
x (1 10%)
SAFETY APPROVAL RATINGS
8A switching capability
UL insulation system: Class F available
Plastic sealed and flux proofed types available
Standard PCB layout
Product in accordance to IEC 60335-1 available
●
●
●
●
●
at 23
45
HFD16
Contact rating
(Res. load)
Electrical endurance
250VAC / 220VDC
8A(30VDC)
750VA / 90W
1 x 107OPS
Max. switching voltage
Max. switching current
Max. switching power
Humidity
Ambient temperature
Termination
Unit weight
Construction
Vibration resistance
5% to 85% RH
-40
to 85
PCB (DIP)
Approx. 4g
2.4
3
4.5
5
6
9
12
18
24
≤
1.80
≤
2.25
≤
3.38
≤
3.75
≤
4.5
≤
6.75
≤
9.00
≤
13.5
≤
18.0
≥
0.24
≥
0.3
≥
0.45
≥
0.5
≥
0.6
≥
0.9
≥
1.2
≥
1.8
≥
2.4
3.12
3.90
5.85
6.50
6.63
11.7
15.6
23.4
31.2
28.8
45.0
101.3
120
180
400
700
1620
2800
UL/CUL
5V 1mA(Suitable for AgNi gold-plated specifications)
1000V(FCC part 68)
1500V(Telecordia)
Min. applicable load
Notes: 1) The data shown above are initial values.
1C
Contact arrangement
100m
max.
AgNi non gold-plated specifications
(AgNi gold-plated specifications:
0.1A 30mVDC,
and AgSnO2:1A 30mVDC)
Contact resistance1)
2) Maximum voltage refers to the maximum voltage which relay
coil could endure in a short period of time.
Mechanical endurance
Notes: 1) The data shown above are initial values.
Notes: 1) All values unspecified are at room temperature.
2) Only typical loads are listed above. Other load specifications
can be available upon request.
2) UL insulation system: Class F.
Notes: 1) The data shown above are initial values.
2)Min. applicable load is reference value. Please perform the
confirmation test with the actual load before production since
reference value may change according to switching frequencies,
environmental conditions and expected contact resistance and
reliability.
1
x104OPS(NO:AgNi,85 ,1s on 9s off,5A125VAC)
1
x105OPS(NO:AgNi,85 ,1s on9s off,3A30VDC)


Similar Part No. - HFD16

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD165FD/12-H-Y1-S-T-F-V HONGFA-HFD165FD/12-H-Y1-S-T-F-V Datasheet
84Kb / 4P
30A switching capability
More results

Similar Description - HFD16

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
DSY2Y SANYOU-DSY2Y Datasheet
59Kb / 3P
Subminiature Signal Relay
SYS SANYOU-SYS Datasheet
183Kb / 3P
Subminiature Signal Relay
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
Subminiature Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com