Electronic Components Datasheet Search
  English  ▼

X  

HFD17 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD17
Description  SUBMINIATURE SIGNAL RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD17 Datasheet(HTML) 1 Page - Hongfa Technology

  HFD17 Datasheet HTML 1Page - Hongfa Technology HFD17 Datasheet HTML 2Page - Hongfa Technology HFD17 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
File No.: E133481
200mW;
Coil power
HONGFA RELAY
Pick-up
Voltage
VDC1)
max.
Drop-out
Voltage
VDC1)
min.
Max.
Voltage2)
VDC
3A 30VDC
3A 250VAC
Features
ISO9001, ISO/TS16949 , ISO14001, OHSAS18001, IECQ QC 080000 CERTIFIED
File No.:R50431434
2020 Rev. 1.00
Shock resistance
Dielectric
strength
Plastic sealed
Flux proofed
between open contacts(10/160 µ s)
between coil & contacts(2/10 µ s)
Surge withstand voltage
1A 125VAC,85
oC
1A 250VAC,Room temp
1A 30VDC,85
oC
AgNi
AgSnO2
1A 250VAC,85
oC
1A 30VDC,85
oC
1A 250VAC,85
oC
1A 30VDC,85
oC
AgNi
AgSnO2
TÜV
1A 250VAC,85
oC
1A 30VDC,85
oC
HFD17
HFD17-1
3A 125VAC,85
oC
3A 250VAC,Room temp
3A 30VDC,85
oC
3A 250VAC,85
oC
3A 30VDC,85
oC
TV-1 125VAC,Room temp
3A 125VAC,85
oC
3A 250VAC,Room temp
3A 30VDC,85
oC
3A 250VAC,85
oC
3A 30VDC,85
oC
1(1) 250VAC,Room temp 1(1) 250VAC,Room temp
1A 250VAC,Room temp
RoHS compliant
AgNi, AgSnO2
CONTACT DATA
SUBMINIATURE SIGNAL RELAY
CHARACTERISTICS
COIL
COIL DATA
Contact resistance1)
Contact material
Nominal
Voltage
VDC
Coil Resistance
x (1 10%)
SAFETY APPROVAL RATINGS
8A switching capability
UL insulation system: Class F available
Plastic sealed and flux proofed types available
Standard PCB layout
Product in accordance to IEC 60335-1 available
●
●
●
●
●
at 23
48
HFD17
Contact rating
(Res. load)
Electrical endurance
250VAC / 220VDC
8A
750VA / 90W
1 x 107OPS
Max. switching voltage
Max. switching current
Max. switching power
Mechanical endurance
2.4
3
4.5
5
6
9
12
18
24
≤
1.80
≤
2.25
≤
3.38
≤
3.75
≤
4.5
≤
6.75
≤
9.00
≤
13.5
≤
18.0
≥
0.24
≥
0.3
≥
0.45
≥
0.5
≥
0.6
≥
0.9
≥
1.2
≥
1.8
≥
2.4
3.12
3.90
5.85
6.50
6.63
11.7
15.6
23.4
31.2
28.8
45.0
101.3
120
180
400
700
1620
2800
5V 1mA(Suitable for AgNi gold-plated specifications)
Min. applicable load
Notes: 1) The data shown above are initial values.
2)Maximum voltage refers to the maximum voltage which relay
coil could endure in a short period of time.
1C
Contact arrangement
100m
max.
AgNi non gold-plated specifications
(AgNi gold-plated specifications:
0.1A 6VDC,
and AgSnO2:1A 6VDC)
1000M (at 500VDC)
750VAC 1min
1500VAC 1min
Vibration resistance
1500V(FCC part 68)
2000V(Telecordia)
between coil & contacts
between open contacts
Functional
Destructive
Functional
Destructive
Insulation resistance
5ms max.
5ms max.
10Hz to 55Hz 2.5mm DA
10Hz to 55Hz 5mm DA
Operate time (at rated voltage.)
Release time (at rated voltage.)
Ambient temperature
Humidity
-40
to 85
5% to 85% RH
147m/s2
980m/s2
Termination
Unit weight
Construction
DIP
Approx. 4g
UL/CUL
Standard
Notes: 1) The data shown above are initial values.
Notes: 1)Only typical loads are listed above. Other load specifications
can be available upon request.
2) UL insulation system: Class F.
Notes: 1) The data shown above are initial values.
2)Min. applicable load is reference value. Please perform the
confirmation test with the actual load before production since
reference value may change according to switching frequencies,
environmental conditions and expected contact resistance and
reliability.
1
x105OPS(AgNi,85oC,1son9soff,NO.
HFD17:3A 125VAC HFD17-1:1A 125VAC)


Similar Part No. - HFD17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD16 HONGFA-HFD16 Datasheet
469Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD16/12-ZFH-3N HONGFA-HFD16/12-ZFH-3N Datasheet
469Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD16/18-ZFH-3N HONGFA-HFD16/18-ZFH-3N Datasheet
469Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD16/2.4-ZFH-3N HONGFA-HFD16/2.4-ZFH-3N Datasheet
469Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD16/24-ZFH-3N HONGFA-HFD16/24-ZFH-3N Datasheet
469Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results

Similar Description - HFD17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD4 HONGFA-HFD4 Datasheet
198Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
DSY2Y SANYOU-DSY2Y Datasheet
59Kb / 3P
Subminiature Signal Relay
SYS SANYOU-SYS Datasheet
183Kb / 3P
Subminiature Signal Relay
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
Subminiature Signal Relay
logo
Hongfa Technology
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com