Electronic Components Datasheet Search
  English  ▼

X  

CA17281 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA17281
Description  ~28째 wide beam. Assembly with black holder.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA17281 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA17281 Datasheet HTML 1Page - Ledil, Inc. CA17281 Datasheet HTML 2Page - Ledil, Inc. CA17281 Datasheet HTML 3Page - Ledil, Inc. CA17281 Datasheet HTML 4Page - Ledil, Inc. CA17281 Datasheet HTML 5Page - Ledil, Inc. CA17281 Datasheet HTML 6Page - Ledil, Inc. CA17281 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CA17281_ELLA-30-M
ELLA-30-M
~28° wide beam. Assembly with black holder.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 32.0 mm
Height
20 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
ELLA-30-M
Reflector
HTPC
metal
OLGA-HLD
Holder
PC
black
SPUTNIK-TAPE3
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA17281_ELLA-30-M
» Box size: 480 x 280 x 300 mm
Reflector
792
264
66
5.6
Last update: 07/01/2020
Subject to change without prior notice
Published: 13/12/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - CA17281

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA17280 LEDIL-CA17280 Datasheet
9Mb / 4P
~15째 spot beam. Assembly with black holder
CA17282 LEDIL-CA17282 Datasheet
3Mb / 6P
~38째 wide beam. Assembly with black holder
CA17283 LEDIL-CA17283 Datasheet
3Mb / 6P
~55째 wide beam. Assembly with black holder
More results

Similar Description - CA17281

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10539 LEDIL-FA10539 Datasheet
2Mb / 4P
~50째 wide beam optimized for Seoul P4. Assembly with black holder.
FA11237 LEDIL-FA11237 Datasheet
2Mb / 4P
~60째 wide beam optimized for Nichia NS9x153. Assembly with black holder.
FA15233 LEDIL-FA15233 Datasheet
5Mb / 5P
~60째 wide beam. Assembly with white holder.
CN15816 LEDIL-CN15816 Datasheet
2Mb / 5P
~35째 wide beam with holder
FCA15009 LEDIL-FCA15009_18 Datasheet
4Mb / 4P
~40째 wide beam. Assembly black holder and installation tape.
CN16209 LEDIL-CN16209 Datasheet
7Mb / 6P
~25째 wide beam with holder
CN16210 LEDIL-CN16210 Datasheet
8Mb / 8P
~35째 wide beam with holder
C17247 LEDIL-C17247 Datasheet
1Mb / 6P
~28째 wide beam
CA17282 LEDIL-CA17282 Datasheet
3Mb / 6P
~38째 wide beam. Assembly with black holder
CA17283 LEDIL-CA17283 Datasheet
3Mb / 6P
~55째 wide beam. Assembly with black holder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com