Electronic Components Datasheet Search
  English  ▼

X  

HFD43 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFD43
Description  1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD43 Datasheet(HTML) 2 Page - Hongfa Technology

  HFD43 Datasheet HTML 1Page - Hongfa Technology HFD43 Datasheet HTML 2Page - Hongfa Technology HFD43 Datasheet HTML 3Page - Hongfa Technology HFD43 Datasheet HTML 4Page - Hongfa Technology HFD43 Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
85<
95;
:
;5<
<
=
@
89
9;
JHF;:685<
JHF;:695;
JHF;:6:
JHF;:6;5<
JHF;:6<
JHF;:6=
JHF;:6@
JHF;:689
JHF;:69;
858:
85?
959<
:5:?
:5><
;5<
=5><
@
8?
8= s08 87-1
;8 s08 87-1
=;5: s08 87-1
8;< s08 87-1
8>? s08 87-1
9<> s08 87-1
<>@ s08 87-1
879? s08 87-1
9??7 s08 87-1
959
:5=
;5<
=5>
>5<
@57
8:5<
8?57
:=57
8;7
8;7
8;7
8;7
8;7
8;7
8;7
8;7
977
758<
759;
75:
75;<
75<
75=
75@
859
95;
JHF;:685<4N
JHF;:695;4N
JHF;:6:4N
JHF;:6;5<4N
JHF;:6<4N
JHF;:6=4N
JHF;:6@4N
JHF;:6894N
JHF;:69;4N
858:
85?
959<
:5:?
:5><
;5<
=5><
@
8?
995< s08 87-1
<>5=s08 87-1
@7 s08 87-1
9795< s08 87-1
9<7 s08 87-1
:=7 s08 87-1
?87 s08 87-1
8;;7 s08 87-1
9??7 s08 87-1
:57
;5?
=57
@57
8757
8957
8?57
9;57
:=57
85<
95;
:
;5<
<
=
@
89
9;
858:
85?
959<
:5:?
:5><
;5<
=5><
@
8?
877
877
877
877
877
877
877
877
977
FQLN GDVD
Ucgae` kc_` kl\]e`
\o 9:
QTGHTLPJLPIQTODVLQP
Fmjk4jpo
Xjgo\b`
XFE
hdi5
O\s5
Xjgo\b`
XFE
Ejdg
Ej_`
Pjhdi\g
Xjgo\b`
XFE
Rd^f4pk
Xjgo\b`
XFE
h\s5
Ejdg
T`ndno\i^`
Pjhdi\g
Rjr`m
hY
\kkmjs5
Ejdg
Ej_`
Pjhdi\g
Xjgo\b`
XFE
U`o
Xjgo\b`
XFE
h\s5
T`n`o
Xjgo\b`
XFE
h\s5
Ejdg
T`ndno\i^`
O\s5
Xjgo\b`
XFE
Pjhdi\g
Rjr`m
hY
\kkmjs5
0ZZZ1
JHF;: 6
9;
4N
T
U
Voi`
Fhce nhel\a`
85<3 95;3 :3 ;5<3 <8=3 @3 893 9;XFE
Uhjl
NC 8 ^jdg g\o^cdib
PceC Udibg` nd_` no\]g`
V`jfcg\e loi`
UC Uo\i_\m_ UOV
R\^dcga kloe`
TC V\k` \i_ m``g k\^fdib
@=
@ ^hce e\l^bcga
Phl`kC81 O\sdhph qjgo\b` m`a`mn oj oc` h\sdhph qjgo\b` rcd^c m`g\t ^jdg ^jpg_ `i_pm` di \ ncjmo k`mdj_ ja odh`5
91 Yc`i pn`m/n m`lpdm`h`ion ^\i/o ]` ajpi_ di oc` \]jq` o\]g`3nk`^d\g jm_`m \ggjr`_5
:1 Ki ^\n` <X ja om\indnojm _mdq` ^dm^pdo3 do dn m`^jhh`i_`_ oj pn` ;5<X otk` m`g\t3 \i_ :X oj pn` 95;X otk` m`g\t5
91 Epnojh`m/n nk`^d\g m`lpdm`h`ion rdgg ]` d_`iodad`_ ]t nk`^d\g ^j_`n \ao`m `q\gp\odji5
081
081
Ui`^c\e ^h_`91
ZZZC Epnojh`m nk`^d\g m`lpdm`h`io
PceC Uo\i_\m_
Phl`kC 81 T otk` 0o\k` \i_ m``g1 k\^fdib dn hjdnopm`4kmjja rcd^c h``on m`lpdm`h`io ja OUN4:5 Hjm T otk`3 oc` g`oo`m ,T, rdgg jigt ]` kmdio`_
ji k\^fdib o\b ]po ijo ji m`g\t ^jq`m5
:1 C ctkc`i h\mf ,4, ncjpg_ ]` \__`_ ]`or``i ^jdg qjgo\b` \i_ njmo6o`mhdi\g otk`6k\^fdib notg` da \it3 ajm `s\hkg`A JHF;:69;4UT5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com