Electronic Components Datasheet Search
  English  ▼

X  

1756560 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1756560
Description  Printed-circuit board connector - MSTB 2,5/18-G BK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1756560 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1756560 Datasheet HTML 1Page - PHOENIX CONTACT 1756560 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1756560
03/28/2014   Page 1 / 2
Printed-circuit board connector - MSTB 2,5/18-G BK - 1756560
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Number of positions: 18, Pitch: 5 mm, Color: black, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
7.75 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
85 mm
General
Range of articles
MSTB 2,5/..-G
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Color
black
Number of positions
18
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637


Similar Part No. - 1756560

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756566 PHOENIX-1756566 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/10-G-7,62
More results

Similar Description - 1756560

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756340 PHOENIX-1756340 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 7-G BK
1756382 PHOENIX-1756382 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 9-G BK
1756421 PHOENIX-1756421 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/11-G BK
1756447 PHOENIX-1756447 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/12-G BK
1756489 PHOENIX-1756489 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/14-G BK
1756502 PHOENIX-1756502 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/15-G BK
1756528 PHOENIX-1756528 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/16-G BK
1756573 PHOENIX-1756573 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/18-ST BK
1759716 PHOENIX-1759716 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/14-G-5,08 BK
1892990 PHOENIX-1892990 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/18-G GY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com