Electronic Components Datasheet Search
  English  ▼

X  

1756573 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1756573
Description  Printed-circuit board connector - MSTB 2,5/18-ST BK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1756573 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1756573 Datasheet HTML 1Page - PHOENIX CONTACT 1756573 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1756573
03/28/2014   Page 1 / 2
Printed-circuit board connector - MSTB 2,5/18-ST BK - 1756573
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Number of positions: 18, Pitch: 5 mm, Connection method: Screw
connection, Color: black, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
31.49 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
85 mm
General
Range of articles
MSTB 2,5/..-ST
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Number of positions
18
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
1.5 mm²


Similar Part No. - 1756573

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
175657-1 TEC-175657-1 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
logo
PHOENIX CONTACT
1756579 PHOENIX-1756579 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/11-G-7,62
More results

Similar Description - 1756573

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754766 PHOENIX-1754766 Datasheet
116Kb / 8P
Printed-circuit board connector - MSTB 2,5/18-ST
1756298 PHOENIX-1756298 Datasheet
115Kb / 10P
Printed-circuit board connector - MSTB 2,5/ 4-ST BK
1756311 PHOENIX-1756311 Datasheet
385Kb / 17P
Printed-circuit board connector - MSTB 2,5/ 5-ST BK
1717013 PHOENIX-1717013 Datasheet
53Kb / 3P
Printed-circuit board connector - MSTB 2,5/18-ST AU
1756337 PHOENIX-1756337 Datasheet
75Kb / 6P
Printed-circuit board connector - MSTB 2,5/ 6-ST BK
1756434 PHOENIX-1756434 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/11-ST BK
1756492 PHOENIX-1756492 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/14-ST BK
1756560 PHOENIX-1756560 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/18-G BK
1758306 PHOENIX-1758306 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/18-ST-5,08 BK
1756450 PHOENIX-1756450 Datasheet
89Kb / 4P
Printed-circuit board connector - MSTB 2,5/12-ST BK
11/04/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com