Electronic Components Datasheet Search
  English  ▼

X  

HM2514 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2514
Description  USB Charger Emulator with Adjustable Power Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2514 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2514 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2514 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2514 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2514 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2514 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2514 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ELECTRICAL CHARACTERISTICS
Conditions are: TA = 25°C, VIN = 5.0 V, VSEL = VIN and RSET = 33.0kΩ. Positive current are into pins. All voltages are with respect to GND
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Switch
RDSON
EMSOP8 Package
IOUT=1A
45
68
mΩ
Current Limit
IOUT
Rset=33.0k
2.50
2.84
3.15
A
Hiccup Mode
TON_HICCUP
ON Time of Hiccup mode
130
ms
TOFF_HICCUP
OFF Time of Hiccup mode
1.3
s
Load Detection
ILD_RISING
IOUT Rising Load Detection
Thresold
Rset=33.0k
135
195
255
mA
ILD_FALLING
IOUT Falling Load Detection
Thresold
90
145
200
TLD_SET
Load Detection Set time
128
ms
TLD_RESET
Load Detection Reset time
128
Thermal Shutdown
Temperature Rising
Threshold
172
ºC
Hysteresis
20
- 4 -
HM2514
USB Charger Emulator with Adjustable Power Switch
and Load Detection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com