Electronic Components Datasheet Search
  English  ▼

X  

HM2801 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2801
Description  30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2801 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2801 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2801 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2801 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2801 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2801 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2801 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2801 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2801 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2801 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
Peak Current Limit Mode
The HM2801 has both a peak current limit mode and a valley current limit mode to protect the chip from overcurrent
damage. The device implements current-mode control, which uses the internal COMP voltage to control the turn-
off of the high-side MOSFET and the turn-on of the low-side MOSFET on a cycle-by-cycle basis. During each
cycle, the switch current and the current reference generated by the internal COMP voltage are compared. When the
peak switch current intersects the current reference, the high-side switch turns off. During overcurrent conditions,
such as when the sensing resistor is shorted, or an open circuit occurs in the feedback-filter RC network that drives
FB low, the error amplifier responds by driving the COMP pin high, increasing the switch current. The error
amplifier output is clamped internally. This clamp functions as a switch-current limit. This current limit is fixed at
3.5A (typical).
Valley Current Limit
While the low-side MOSFET is turned on, the conduction current is monitored by the internal circuitry. During
normal operation, the low-side MOSFET sources current to the load. At the end of every clock cycle, the low-side
MOSFET sourcing current is compared to the internally set low-side sourcing current-limit. If the low-side sourcing-
current limit is exceeded, the high-side MOSFET does not turn on and the low-side MOSFET stays on for the next
cycle. The high-side MOSFET turns on again when the low-side current is below the low-side sourcing current-
limit at the start of a cycle.
LED-Open
When the LED load is open, the FB voltage is low, and the internal COMP voltage is driven high and clamped, then
output rises close to the input. At this time, the chip does not have load capacity.
LED Short Protection
When LED+ and LED- are shorted, the output current will be limited to near VFB/RS1. Meanwhile, output voltage
starts to drop until FB is below the Under-Voltage (UV) threshold. Once a UV is triggered, the HM2801 enters
hiccup mode to periodically restart the part. At this time, the output voltage is close to VFB.
LED+ Short to GND Protection
When the LED+ is shorted to GND, the FB voltage is higher than VREF, and the internal COMP voltage is driven
low and clamped, and the high-side MOSFET is commanded on for a minimum on-time each cycle. The device
enters fold-back mode, meanwhile, chip reaches internal current limit.
Efficiency and Feedback Voltage
The feedback voltage has a direct effect on the converter efficiency. Because the voltage drop across the feedback
resistor does not contribute to the output power (LED brightness), the lower the feedback voltage, the higher the
efficiency. Especially when powering only three or less LEDs, the feedback voltage impacts the efficiency around
2% depending on the sum of the forward voltage of the LEDs.
Thermal Shutdown
Thermal shutdown prevents the chip from operating at exceedingly high temperatures. When the silicon die
temperature exceeds 160°C, it shuts down the whole chip. When the temperature falls below its lower threshold
(Typ. 140°C) the chip is enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com