Electronic Components Datasheet Search
  English  ▼

X  

LP2305ALT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LP2305ALT3G
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2305ALT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  LP2305ALT3G Datasheet HTML 1Page - Leshan Radio Company LP2305ALT3G Datasheet HTML 2Page - Leshan Radio Company LP2305ALT3G Datasheet HTML 3Page - Leshan Radio Company LP2305ALT3G Datasheet HTML 4Page - Leshan Radio Company LP2305ALT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LP2305ALT1G
20V P-Channel Enhancement-Mode MOSFET
5. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
Static
Drain–Source Breakdown Voltage
(VGS = 0, ID = -250μA)
Zero Gate Voltage Drain Current
(VGS = 0, VDS = -6.4 V)
Gate–Body Leakage Current
(VGS= ±8V, VDS = 0V)
Forward Transconductance
(VDS = -5V, ID = -3.5A)
Gate Threshold Voltage
(VDS = VGS, ID = -250μA)
Static Drain–Source On–State Resistance
(VGS = -4.5 V, ID = -3.5 A)
(VGS = -2.5 V, ID = -3 A)
(VGS = -1.8 V, ID = -2 A)
On-State Drain Current
(VDS≤ -5 V, VGS ≤ -4.5 V)
(VDS≤ -5 V, VGS ≤ -2.5 V)
Diode Forward Current
Forward Voltage
(IS = -1.6A, VGS = 0V)
Input Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -4 V)
Output Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -4 V)
Reverse Transfer Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -4 V)
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
3.Pulse Test: Pulse Width ≤300 μs, Duty Cycle ≤2.0%.
ns
tr
-
25
40
Crss
pF
-
210
-
Switching
td(off)
-
55
80
tf
-
19
35
(VDD = -4V, RL= 4Ω
ID = -1A, VGEN = -4.5V
RG = 6Ω)
td(on)
-
13
20
Ciss
pF
-
1245
-
Coss
pF
-
375
-
VSD
V
-
-
-1.2
Dynamic
Source-Drain Diode
IS
-
-1.6
-
A
ID(on)
A
-6
-
-
-3
-
-
-
55
81
-
67
118
VGS(th)
V
-0.45
-
-0.8
RDS(on)
mΩ
-
47
68
IGSS
nA
-
-
±100
gfs
S
-
8.5
-
VBRDSS
V
-20
-
-
IDSS
μA
-
-
-1
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Leshan Radio Company, LTD.
2/5
(VDS=-10V,VGS=-4.5V,ID=-3.0A)
(VDS=-10V,VGS=-4.5V,ID=-3.0A)
(VDS=-10V,VGS=-4.5V,ID=-3.0A)
-
0.88
-
-
2.2
-
nC
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
-
5.76
-
Rev.B Sep. 2019



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com