Electronic Components Datasheet Search
  English  ▼

X  

LP3401ALT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LP3401ALT3G
Description  P-Channel 30V( D - S) MOSFET VDS =-30V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP3401ALT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  LP3401ALT3G Datasheet HTML 1Page - Leshan Radio Company LP3401ALT3G Datasheet HTML 2Page - Leshan Radio Company LP3401ALT3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Symbol
Min.
Typ.
Max.
Unit
Drain−to−Source Breakdown
Drain-Source Breakdown Voltage
BVDSS
-30
–
–
V
Zero Gate Voltage Drain Current
IDSS
–
-1
Gate-Body leakage current
IGSS
–
–
±100
Gate Threshold Voltage
VGS(th)
-0.6
-1.3
On state drain current
ID(ON)
-25
–
A
–
–
100
m
–
–
110
–
–
130
Forward Transconductance
gFS
7
11
S
Diode Forward Voltage
VSD
-0.7
-1
Maximum Body-Diode Continuous
Current
IS
-2.2
DYNAMIC PARAMETERS
Input Capacitance
Ciss
1020
pF
Output Capacitance
Coss
60
pF
Reverse Transfer Capacitance
Crss
48
pF
Total Gate Charge
QG
–
9.2
–
nC
Gate−to−Source Gate Charge
QGS
–
3.2
–
Gate−to−Drain Charge
QGD
–
2.3
–
Turn−On Delay Time
td(on)
–
41
–
ns
Rise Time
tr
–
27
–
Turn−Off Delay Time
td(off)
–
57
–
Fall Time
tf
–
6
–
Conditions
VGS=-4.5V, VDS=-
15V, ID=-5.3A
,
VGS=-10V, VDS=-15V,
RL=3.6
, R
GEN=6
VGS=0V, VDS=-15V,
f=1MHz
IS=-1A,VGS=0V
VDS=-5V, ID=-5A
VGS=-2.5V, ID=-2A
VGS=-4.5V, ID=-4A
VGS=-10V, ID=-4.2A
VGS=-4.5V, VDS=-5V
VDS=VGS, ID=-250μA
VDS=0V, VGS=±12V
VDS=-24V, VGS=0V
ID=-250μA, VGS=0V
●ELECTRICAL CHARACTERISTICS (Ta= 25℃)
STATIC
Static Drain-Source On-
Resistance
RDS(ON)
SWITCHING PARAMETERS
LESHAN RADIO COMPANY, LTD.
LP3401ALT1G
Ω
Ω
Ω
m
Ω
m
Rev.A 2/3
μA
–
V
V
V
m
Ω
m
nA
Sep,2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com