Electronic Components Datasheet Search
  English  ▼

X  

LP3407LT3G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LP3407LT3G
Description  30V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP3407LT3G Datasheet(HTML) 4 Page - Leshan Radio Company

  LP3407LT3G Datasheet HTML 1Page - Leshan Radio Company LP3407LT3G Datasheet HTML 2Page - Leshan Radio Company LP3407LT3G Datasheet HTML 3Page - Leshan Radio Company LP3407LT3G Datasheet HTML 4Page - Leshan Radio Company LP3407LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6.ELECTRICAL CHARACTERISTICS CURVES(Con.)
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
VDS,Drain to Source Voltage(V)
f=1.0MHz
Ta=25
℃
Ciss
Coss
Crss
1
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
Tj,Temperature(
℃)
ID=250uA
0
0.02
0.04
0.06
0.08
0.1
0.12
-50
-25
0
25
50
75
100
125
150
Tj,Temperature(
℃)
VGS=4.5V,ID=3A
VGS=10V,ID=4.1A
0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
VGS,Gate to Soure Voltage(V)
150
℃
-55
℃
25
℃
ID=4.0A
RDS(on) vs. VGS
VGSTH vs. Tj
RDS(on) vs. Tj
Capacitance
Leshan Radio Company, LTD.
4/5
LP3407LT1G
30V P-Channel Enhancement-Mode MOSFET
Rev.E Jul. 2020



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com