Electronic Components Datasheet Search
  English  ▼

X  

LP4437T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LP4437T1G
Description  P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP4437T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LP4437T1G Datasheet HTML 1Page - Leshan Radio Company LP4437T1G Datasheet HTML 2Page - Leshan Radio Company LP4437T1G Datasheet HTML 3Page - Leshan Radio Company LP4437T1G Datasheet HTML 4Page - Leshan Radio Company LP4437T1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P-Channel 30-V (D-S) MOSFET
VDS (V)
ID (A)
-14
-11
Symbol
Limit
Units
VDS
-30
VGS
±20
TA=25°C
-14
TA=70°C
-12
IDM
-50
IS
-4.1
A
TA=25°C
3.1
TA=70°C
2.2
TJ, Tstg
-55 to 150
°C
Power Dissipation
a
ID
A
PD
W
Continuous Drain Current
a
Gate-Source Voltage
PRODUCT SUMMARY
-30
rDS(on) (mΩ)
10.5 @ VGS = -10V
16 @ VGS = -4.5V
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• Load Switches
• DC/DC Conversion
• Motor Drives
SO-8
LP4437T1G
1/5
Leshan Radio Company, LTD.
ORDERING INFORMATION
Marking
Shipping
LP4437
4000/Tape&Reel
Device
LP4
437T1G
Rev.A Nov. 2019


Similar Part No. - LP4437T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LP4433T1G LRC-LP4433T1G Datasheet
567Kb / 5P
P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
LP4435T1G LRC-LP4435T1G Datasheet
591Kb / 5P
P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
More results

Similar Description - LP4437T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LN7308DT1WG LRC-LN7308DT1WG Datasheet
373Kb / 3P
N-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LNA7350DT1WG LRC-LNA7350DT1WG Datasheet
1Mb / 5P
N-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LNB8308DT0AG LRC-LNB8308DT0AG Datasheet
472Kb / 6P
N-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LP7337DT1WG LRC-LP7337DT1WG Datasheet
959Kb / 7P
P-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LPB8337DT0AG LRC-LPB8337DT0AG Datasheet
626Kb / 6P
P-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LN3432LT1G LRC-LN3432LT1G Datasheet
875Kb / 5P
N-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LP4407T1G LRC-LP4407T1G Datasheet
441Kb / 5P
P-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LP4433T1G LRC-LP4433T1G Datasheet
567Kb / 5P
P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
LP4435T1G LRC-LP4435T1G Datasheet
591Kb / 5P
P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
S-LN3432LT1G LRC-S-LN3432LT1G Datasheet
880Kb / 5P
N-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com