Electronic Components Datasheet Search
  English  ▼

X  

2176403 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2176403
Description  Round cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2176403 Datasheet(HTML) 1 Page - Festo Corporation.

  2176403 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Round cylinder
CRDSNU-B-32-80-PPS-A-MG-A1
Part number: 2176403
Data sheet
Feature
Value
Stroke
80 mm
Piston diameter
32 mm
Type code
CRDSNU-B
Based on norm
ISO 15552
Cushioning
Self-adjusting pneumatic end-position cushioning
Mounting position
Any
Design
Piston rod
Piston
Cylinder barrel
Position sensing
For proximity sensor
Symbol
00992970
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
4 - Particularly high corrosion stress
For use in the food industry
See supplementary material information
Ambient temperature
0 °C ... 80 °C
Theoretical force at 6 bar, retracting
415 N
Theoretical force at 6 bar, advancing
483 N
Moving mass at 0 mm stroke
118 g
Additional weight per 10 mm stroke
15.3 g
Basic weight with 0 mm stroke
670 g
Additional moving mass per 10 mm stroke
8.9 g
Type of mounting
With accessories
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
Cover material
High-alloy stainless steel
Piston rod material
High-alloy stainless steel
Material of cylinder barrel
High-alloy stainless steel
8/5/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 2176403

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2176400 FESTO-2176400 Datasheet
87Kb / 1P
Round cylinder
2176401 FESTO-2176401 Datasheet
87Kb / 1P
Round cylinder
2176402 FESTO-2176402 Datasheet
87Kb / 1P
Round cylinder
2176404 FESTO-2176404 Datasheet
86Kb / 1P
Round cylinder
2176405 FESTO-2176405 Datasheet
87Kb / 1P
Round cylinder
More results

Similar Description - 2176403

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-32-125-PPV-A FESTO-DSNU-32-125-PPV-A Datasheet
85Kb / 1P
Round cylinder
DSNU-32-160-P-A FESTO-DSNU-32-160-P-A Datasheet
82Kb / 1P
Round cylinder
DSNU-32-160-PPS-A FESTO-DSNU-32-160-PPS-A Datasheet
83Kb / 1P
Round cylinder
DSNU-32-25-PPS-A FESTO-DSNU-32-25-PPS-A Datasheet
90Kb / 1P
Round cylinder
DSNU-32-80-PPS-A FESTO-DSNU-32-80-PPS-A Datasheet
87Kb / 1P
Round cylinder
DSNU-32-80-PPV-A FESTO-DSNU-32-80-PPV-A Datasheet
88Kb / 1P
Round cylinder
DSNU-32-250-P-A FESTO-DSNU-32-250-P-A Datasheet
80Kb / 1P
Round cylinder
DSNU-32-320-P-A FESTO-DSNU-32-320-P-A Datasheet
78Kb / 1P
Round cylinder
2176407 FESTO-2176407 Datasheet
86Kb / 1P
Round cylinder
8073987 FESTO-8073987 Datasheet
84Kb / 1P
Round cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com