Electronic Components Datasheet Search
  English  ▼

X  

AHF2805D Datasheet(PDF) 5 Page - International Rectifier

Part # AHF2805D
Description  28V Input, Single and Dual Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805D Datasheet(HTML) 5 Page - International Rectifier

  AHF2805D Datasheet HTML 1Page - International Rectifier AHF2805D Datasheet HTML 2Page - International Rectifier AHF2805D Datasheet HTML 3Page - International Rectifier AHF2805D Datasheet HTML 4Page - International Rectifier AHF2805D Datasheet HTML 5Page - International Rectifier AHF2805D Datasheet HTML 6Page - International Rectifier AHF2805D Datasheet HTML 7Page - International Rectifier AHF2805D Datasheet HTML 8Page - International Rectifier AHF2805D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.irf.com
5
AHF28XX Series
Table II. Electrical Performance Characteristics - continued
AHF2812S
Notes to Specifications
1. Parameter guaranteed by line and load regulation tests.
2. Bandwidth guaranteed by design. Tested for 20 kHz to 2 MHz.
3. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance.
A capacitive in excess of the maximum limit will not disturb loop stability but may interfere with the
operation of the load fault detection circuitry, appearing as a short circuit during turn-on.
4. Parameter shall be tested as part of design characterization and after design or process changes.
Thereafter, parameters shall be guaranteed to the limits specified in Table II.
5. An overload is that condition with a load in excess of the rated load but less than that necessary to
trigger the short circuit protection and is the condition of maximum power dissipation.
6. Load step transition time between 2 and 10 microseconds.
7. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1
percent of V
OUT at 50 percent load.
8. Input step transition time between 2 and 10 microseconds.
9. Turn-on delay time measurement is for either a step application of power at the input or the removal of
a ground signal from the inhibit pin (pin 1) while power is applied to the input is unlimited.
Limits
Test
Symbol
Conditions
-55°C
≤ Tc ≤ +125°C
Vin = 28 Vdc ±5%, C
L = 0
unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Unit
50 mA to/from 1000mA
4
01
-300
+300
5,6
-450
+450
0 mA to/from 500mA
4
-500
+500
Output response
to step transient
load changes
6
VO
TLOAD
5,6
-750
+750
mV pk
TT
LOAD
50 mA to/from 1000mA
4,5,6
100
0 mA to 500 mA
4,5,6
1500
µs
Recovery time
step transient
load changes
6,7
500 mA to 0 mA
4,5,6
01
10
ms
Output response
to transient step
line changes
VO
TLINE
Input step 16 V to/from
40 V dc, I
OUT =1000mA
4, 8
4,5,6
01
1500
mV pk
Recovery time
transient step
line changes
TT
LINE
Input step 16 V to/from 40Vdc
I
OUT =1000mA
4, 7, 8
4,5,6
01
800
µs
Turn on
overshoot
VTon
OS
I
OUT = 0 and 1000mA
4,5,6
01
600
mV pk
Turn on delay
Ton
D
I
OUT = 0 and 1000mA
9
4,5,6
01
20
ms
Load fault
recovery
4,9
Tr
LF
4,5,6
01
20
ms
Weight
35
grams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com