Electronic Components Datasheet Search
  English  ▼

X  

OPA861 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA861 Datasheet HTML 17Page - Texas Instruments OPA861 Datasheet HTML 18Page - Texas Instruments OPA861 Datasheet HTML 19Page - Texas Instruments OPA861 Datasheet HTML 20Page - Texas Instruments OPA861 Datasheet HTML 21Page - Texas Instruments OPA861 Datasheet HTML 22Page - Texas Instruments OPA861 Datasheet HTML 23Page - Texas Instruments OPA861 Datasheet HTML 24Page - Texas Instruments OPA861 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
www.ti.com
C
2
R
2M
V
OUT
R
3
R
2S
R
2
R
1S
C
1
V
IN
R
1
R
1M
R
3S
R
B1
R
B2
R
B3
BUF602
Transfer Function
F(p) +
V
OUT
V
IN
+
s2C
1R1M
R
2M
R
3
) sC1
R
1M
R
2
)
1
R
1
s2C
1R1M
R
2M
R
3S
) sC1
R
1M
R
2S
)
1
R
1S
(7)
Filter Characteristics
3
0
−3
−6
−9
−12
−15
−18
−21
−24
−27
−30
−33
−36
−39
−42
−45
−48
Frequency (Hz)
10k
100k
1M
10M
100M
1G
50MHz Filter
20MHz Filter
1MHz Filter
For All Filters:
R
2 = R3 = ∞
R
1 = R15 = R25 = 1/2 R35 = R
R
1M = R2M = R0
C
1 = C2 = C0
OPA861
SBOS338 – AUGUST 2005
Figure 43. Universal Active Filter
The transfer function of the universal active filter of
Figure 43 is shown in Equation 7.
Five filter types can be made with this structure:
•
For a low-pass filter, set R2 = R3 = ∞,
•
For a high-pass filter, set R1 = R2 = ∞,
•
For a bandpass filter, set R1 = R3 = ∞,
•
For a band rejection filter, set R2 = ∞; R1 = R3,
Figure 44. Butterworth Low-Pass Filter with the
•
For an all-pass filter, set R1 = R15; R2 = R25; and
Universal Active Filter
R3 = R35.
A few designs for a low-pass filter are shown in
The advantages of building active filters using a
Figure 44 and Table 2.
Current Conveyor structure are:
•
The increase in output resistance of operational
Table 2. Component Values for Filters Shown In
amplifiers at high frequencies makes it difficult to
Figure 44
construct feedback filter structures (decrease in
fO
R
RO
CO
stop-band attenuation).
1MHz
150
100
2nF
•
All filter coefficients are represented by resist-
20MHz
150
100
112.5pF
ances, making it possible to adjust the filter
50MHz
150
100
55pF
frequency response without affecting the filter
coefficients.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com