Electronic Components Datasheet Search
  English  ▼

X  

C14109 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14109
Description  Narrow beam with minimal house side backlight
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14109 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14109 Datasheet HTML 1Page - Ledil, Inc. C14109 Datasheet HTML 2Page - Ledil, Inc. C14109 Datasheet HTML 3Page - Ledil, Inc. C14109 Datasheet HTML 4Page - Ledil, Inc. C14109 Datasheet HTML 5Page - Ledil, Inc. C14109 Datasheet HTML 6Page - Ledil, Inc. C14109 Datasheet HTML 7Page - Ledil, Inc. C14109 Datasheet HTML 8Page - Ledil, Inc. C14109 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT
DATASHEET
C14109_STRADA-2X2-NHS
STRADA-2X2-NHS
Narrow beam with minimal house side backlight
TECHNICAL SPECIFICATIONS:
Dimensions
50.0 mm
Height
9.8 mm
Fastening
pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-2X2-NHS
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C14109_STRADA-2X2-NHS
» Box size: 480 x 280 x 300 mm
800
160
160
6.5
Last update: 23/08/2019
Subject to change without prior notice
Published: 19/05/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/11


Similar Part No. - C14109

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
C14109 SUMIDA-C14109 Datasheet
46Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
C14109 SUMIDA-C14109 Datasheet
108Kb / 2P
ADSL Transformer
More results

Similar Description - C14109

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS8065PT MARKTECH-MTPS8065PT Datasheet
171Kb / 1P
Narrow Beam Angle
logo
Ledil, Inc.
CS15223 LEDIL-CS15223 Datasheet
5Mb / 5P
IESNA Type II (medium) beam with added house side backlight
CS15886 LEDIL-CS15886 Datasheet
5Mb / 9P
IESNA Type II (medium) beam with minimized house side backlight
CS16658 LEDIL-CS16658 Datasheet
5Mb / 4P
IESNA Type II (medium) beam with added house side backlight
C15292 LEDIL-C15292 Datasheet
4Mb / 14P
IESNA Type II (medium) beam with added house side backlight
C16637 LEDIL-C16637 Datasheet
2Mb / 9P
IESNA Type II (medium) beam with added house side backlight
C17062 LEDIL-C17062 Datasheet
2Mb / 6P
IESNA Type II (medium) beam with added house side backlight
CS15363 LEDIL-CS15363 Datasheet
5Mb / 18P
IESNA Type II (medium) beam with minimized house side backlight
CS16397 LEDIL-CS16397 Datasheet
4Mb / 9P
IESNA Type II (medium) beam with added house side backlight
CS17307 LEDIL-CS17307 Datasheet
2Mb / 4P
IESNA Type II (medium) beam with minimized house side backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com