Electronic Components Datasheet Search
  English  ▼

X  

C14750 Datasheet(PDF) 14 Page - Ledil, Inc.

Part # C14750
Description  Catenary street light beam optimized for EN13201 M-classes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14750 Datasheet(HTML) 14 Page - Ledil, Inc.

Back Button C14750 Datasheet HTML 10Page - Ledil, Inc. C14750 Datasheet HTML 11Page - Ledil, Inc. C14750 Datasheet HTML 12Page - Ledil, Inc. C14750 Datasheet HTML 13Page - Ledil, Inc. C14750 Datasheet HTML 14Page - Ledil, Inc. C14750 Datasheet HTML 15Page - Ledil, Inc. C14750 Datasheet HTML 16Page - Ledil, Inc. C14750 Datasheet HTML 17Page - Ledil, Inc. C14750 Datasheet HTML 18Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
PRODUCT
DATASHEET
C14750_STRADA-2X2-CAT
PHOTOMETRIC DATA (SIMULATED):
LED
XT-E
FWHM
153.0 + 110.0°
Efficiency
95 %
Peak intensity
0.5 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
LED
XT-E HVW
FWHM
155.0 + 110.0°
Efficiency
92 %
Peak intensity
0.4 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
LED
LUXEON 5050 Square LES
FWHM
152.0 + 112.0°
Efficiency
96 %
Peak intensity
0.4 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
LED
LUXEON R
FWHM
150.0 + 107.0°
Efficiency
92 %
Peak intensity
0.4 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
Last update: 07/12/2019
Subject to change without prior notice
Published: 28/04/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
14/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com