Electronic Components Datasheet Search
  English  ▼

X  

526650 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 526650
Description  Linear actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

526650 Datasheet(HTML) 1 Page - Festo Corporation.

  526650 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Linear actuator
DGPL-25-400-PPV-A-B-KF
Part number: 526650
Data sheet
Feature
Value
Stroke
400 mm
Piston diameter
25 mm
Type code
DGPL
Cushioning
Pneumatic cushioning, adjustable at both ends
Pneumatic shock absorber, hard characteristic curve
Mounting position
Any
Guide
Recirculating ball bearing guide
Driver principle
Positive locking (slot)
Position sensing
For proximity sensor
Symbol
00991254
Operating pressure
2 bar ... 8 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
Ambient temperature
-10 °C ... 60 °C
Cushioning length
18 mm
Theoretical force at 6 bar, retracting
295 N
Theoretical force at 6 bar, advancing
295 N
Moving mass
600 g
Moving mass at 0 mm stroke
600 g
Basic weight with 0 mm stroke
1520 g
Additional moving mass per 10 mm stroke
53 g
Alternative connections
See product drawing
Pneumatic connection
G1/8
Cover material
Coated
Cast aluminum
Seals material
NBR
TPE-U(PU)
Housing material
Anodized
Aluminum
8/5/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 526650

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
526651 FESTO-526651 Datasheet
96Kb / 1P
Linear actuator
526652 FESTO-526652 Datasheet
96Kb / 1P
Linear actuator
526657 FESTO-526657 Datasheet
99Kb / 1P
Linear actuator
526658 FESTO-526658 Datasheet
99Kb / 1P
Linear actuator
526659 FESTO-526659 Datasheet
99Kb / 1P
Linear actuator
More results

Similar Description - 526650

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DGPL-25-1000-PPV-A-B-KF FESTO-DGPL-25-1000-PPV-A-B-KF Datasheet
96Kb / 1P
Linear actuator
DGPL-32-250-PPV-A-B-KF FESTO-DGPL-32-250-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-32-400-PPV-A-B-KF FESTO-DGPL-32-400-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-32-500-PPV-A-B-KF FESTO-DGPL-32-500-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-40-250-PPV-A-B-KF FESTO-DGPL-40-250-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-40-400-PPV-A-B-KF FESTO-DGPL-40-400-PPV-A-B-KF Datasheet
98Kb / 1P
Linear actuator
DGPL-40-500-PPV-A-B-KF FESTO-DGPL-40-500-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
8110817 FESTO-8110817 Datasheet
97Kb / 2P
Linear actuator
8133081 FESTO-8133081 Datasheet
86Kb / 2P
Linear actuator
8133104 FESTO-8133104 Datasheet
87Kb / 2P
Linear actuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com