Electronic Components Datasheet Search
  English  ▼

X  

C14119 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14119
Description  Beam for symmetrical tunnel lighting and parking garages
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14119 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14119 Datasheet HTML 1Page - Ledil, Inc. C14119 Datasheet HTML 2Page - Ledil, Inc. C14119 Datasheet HTML 3Page - Ledil, Inc. C14119 Datasheet HTML 4Page - Ledil, Inc. C14119 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C14119_STRADA-SQ-FS2
STRADA-SQ-FS2
Beam
for
symmetrical
tunnel
lighting
and
parking
garages.
Ideal
for
catenary
street
lighting. Version with location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
25.0 mm
Height
8 mm
Fastening
glue, pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-SQ-FS2
Single lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C14119_STRADA-SQ-FS2
» Box size:
2058
294
98
6.0
Last update: 08/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - C14119

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
C14119 SUMIDA-C14119 Datasheet
46Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
C14119 SUMIDA-C14119 Datasheet
108Kb / 2P
ADSL Transformer
More results

Similar Description - C14119

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7STA2.PM OSRAM-GWP7STA2.PM Datasheet
1Mb / 23P
Street and tunnel lighting
logo
Ledil, Inc.
CA14120 LEDIL-CA14120 Datasheet
2Mb / 6P
Beam for symmetrical tunnel lighting and parking garages.
CA14122 LEDIL-CA14122 Datasheet
2Mb / 6P
Beam for symmetrical tunnel lighting and parking garages.
CA11186 LEDIL-CA11186 Datasheet
2Mb / 4P
Beam for area lighting
F15382 LEDIL-F15382 Datasheet
5Mb / 7P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
F16858 LEDIL-F16858 Datasheet
2Mb / 6P
Double asymmetric beam for aisle and shelf lighting
F14325 LEDIL-F14325 Datasheet
7Mb / 10P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
F14531 LEDIL-F14531 Datasheet
12Mb / 15P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting
F15386 LEDIL-F15386 Datasheet
3Mb / 6P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
FN13323 LEDIL-FN13323 Datasheet
4Mb / 12P
Type ll and lll beam for street lighting.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com