Electronic Components Datasheet Search
  English  ▼

X  

MJE15028 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJE15028
Description  POWER TRANSISTORS COMPLEMENTARY SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE15028 Datasheet(HTML) 2 Page - ON Semiconductor

  MJE15028 Datasheet HTML 1Page - ON Semiconductor MJE15028 Datasheet HTML 2Page - ON Semiconductor MJE15028 Datasheet HTML 3Page - ON Semiconductor MJE15028 Datasheet HTML 4Page - ON Semiconductor MJE15028 Datasheet HTML 5Page - ON Semiconductor MJE15028 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJE15028, MJE15030 (NPN), MJE15029, MJE15031 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 10 mAdc, IB = 0)
MJE15028, MJE15029
MJE15030, MJE15031
VCEO(sus)
120
150
−
−
Vdc
Collector Cutoff Current
(VCE = 120 Vdc, IB = 0)
MJE15028, MJE15029
(VCE = 150 Vdc, IB = 0)
MJE15030, MJE15031
ICEO
−
−
0.1
0.1
mAdc
Collector Cutoff Current
(VCB = 120 Vdc, IE = 0)
MJE15028, MJE15029
(VCB = 150 Vdc, IE = 0)
MJE15030, MJE15031
ICBO
−
−
10
10
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
−
10
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 0.1 Adc, VCE = 2.0 Vdc)
(IC = 2.0 Adc, VCE = 2.0 Vdc)
(IC = 3.0 Adc, VCE = 2.0 Vdc)
(IC = 4.0 Adc, VCE = 2.0 Vdc)
hFE
40
40
40
20
−
−
−
−
−
DC Current Gain Linearity
(VCE From 2.0 V to 20 V, IC From 0.1 A to 3 A)
(NPN to PNP)
hFE
Typ
2
3
Collector−Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 0.1 Adc)
VCE(sat)
−
0.5
Vdc
Base−Emitter On Voltage
(IC = 1.0 Adc, VCE = 2.0 Vdc)
VBE(on)
−
1.0
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product (Note 2)
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 10 MHz)
fT
30
−
MHz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
2. fT = ⎪hfe⎪• ftest.
0
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
40
60
100
120
160
40
TC
20
60
0
2.0
TA
1.0
3.0
80
140
TC
TA
20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com