Electronic Components Datasheet Search
  English  ▼

X  

CA12891 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12891
Description  IESNA Type V (square) beam for wide areas lighting such as car parks
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12891 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12891 Datasheet HTML 1Page - Ledil, Inc. CA12891 Datasheet HTML 2Page - Ledil, Inc. CA12891 Datasheet HTML 3Page - Ledil, Inc. CA12891 Datasheet HTML 4Page - Ledil, Inc. CA12891 Datasheet HTML 5Page - Ledil, Inc. CA12891 Datasheet HTML 6Page - Ledil, Inc. CA12891 Datasheet HTML 7Page - Ledil, Inc. CA12891 Datasheet HTML 8Page - Ledil, Inc. CA12891 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
CA12891_STRADA-SQ-VSM
STRADA-SQ-VSM
IESNA Type V (square) beam for wide areas
lighting such as car parks. Version with location
pins. Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
25.0 mm
Height
7 mm
Fastening
tape, pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-SQ-VSM
Single lens
PMMA
clear
ROSE-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA12891_STRADA-SQ-VSM
» Box size:
Single lens
98
7.8
Last update: 09/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/9


Similar Part No. - CA12891

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12891 CREE-CA12891 Datasheet
1Mb / 33P
Strada series
logo
Lumileds Lighting Compa...
CA12891_STRADA-SQ-VSM LUMILEDS-CA12891_STRADA-SQ-VSM Datasheet
1Mb / 19P
PRODUCT DATASHEET Strada-SQ series
More results

Similar Description - CA12891

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16577 LEDIL-CS16577 Datasheet
6Mb / 5P
IESNA Type V (square) beam for wide areas lighting such as car parks
CS16581 LEDIL-CS16581 Datasheet
6Mb / 4P
IESNA Type V (square) beam for wide areas lighting such as car parks
C15481 LEDIL-C15481 Datasheet
3Mb / 8P
IESNA Type V (square) beam for wide areas lighting such as car parks
C15986 LEDIL-C15986 Datasheet
4Mb / 6P
IESNA Type V (square) beam for wide areas lighting such as car parks
C14680 LEDIL-C14680 Datasheet
11Mb / 13P
IESNA Type V (square) beam for wide areas lighting such as car parks
C17027 LEDIL-C17027 Datasheet
1Mb / 5P
IESNA Type V beam for wide areas such as car parks
CA13362 LEDIL-CA13362 Datasheet
1Mb / 7P
IESNA Type V beam for wide areas such as car parks
CS16973 LEDIL-CS16973 Datasheet
3Mb / 6P
IESNA Type V (square) beam for wide areas lighting such as car parks
C17085 LEDIL-C17085 Datasheet
2Mb / 6P
IESNA Type V (square) beam for wide areas such as car parks
C17224 LEDIL-C17224 Datasheet
2Mb / 5P
IESNA Type V (square) beam for wide areas such as car parks
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com