Electronic Components Datasheet Search
  English  ▼

X  

AHF2805DF/HB Datasheet(PDF) 1 Page - International Rectifier

Part # AHF2805DF/HB
Description  28V Input, Single and Dual Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805DF/HB Datasheet(HTML) 1 Page - International Rectifier

  AHF2805DF/HB Datasheet HTML 1Page - International Rectifier AHF2805DF/HB Datasheet HTML 2Page - International Rectifier AHF2805DF/HB Datasheet HTML 3Page - International Rectifier AHF2805DF/HB Datasheet HTML 4Page - International Rectifier AHF2805DF/HB Datasheet HTML 5Page - International Rectifier AHF2805DF/HB Datasheet HTML 6Page - International Rectifier AHF2805DF/HB Datasheet HTML 7Page - International Rectifier AHF2805DF/HB Datasheet HTML 8Page - International Rectifier AHF2805DF/HB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
10/08/02
www.irf.com
1
ADVANCED ANALOG
HYBRID-HIGH RELIABILITY
DC/DC CONVERTERS
AHF28XX SERIES
Description
n 16 to 40 VDC Input Range (28 VDC Nominal)
n Single and Dual Outputs
n 12 Watts Output Power
n 22.8 W/in3 Power Density
n Low Input / Output Noise
(50mA/60mVp-p max. respectively)
n Indefinite Short Circuit and Overload
Protection
n Wideband Control Loop for
Superior Transient Characterstics
Features
AHF
28V Input, Single and Dual Output
The proprietary magnetic feedback circuit provides for
an extremely wide bandwidth control loop with a high
phase margin. The closed loop frequency response of
this converter family extends to approximately 50KHz,
resulting in superior line and load transient character-
istics. This feedback method is also inherently tem-
perature and radiation insensitive. This gives the AHF
Series an important advantage over converters that
incorporate opto-couplers in their design.
n Constant Switching Frequency
(550KHz Nominal)
The AHF Series of DC/DC converters feature single or
dual outputs over the full military temperature range.
No derating in output power is required, making them
suitable for use in rugged military applications. The low
profile, small outline package is ideally suited to the
tight board space requirements of many industrial and
aerospace applications. Designed for nominal 28Vdc
inputs, this family of converters will meet the require-
ments of MIL-STD-704D. The basic circuit utilizes a
pulse width modulated, feed-forward topology at a nomi-
nal switching frequency of 550KHz. Input to output iso-
lation is achieved through the use of transformers in
the forward and feedback circuits.
These converters are manufactured in a facility certi-
fied to MIL-PRF-38534. All processes used to manu-
facture these converters have been qualified to enable
Advanced Analog to deliver compliant devices. Four
screening grades are available to satisfy a wide range
of requirements. The CH grade converters are fully com-
pliant to MIL-PRF-38534 class H. The HB grade con-
verters are processed to full MIL-PRF-38534 screen-
ing but do not have class H element evaluation as re-
quired by MIL-PRF-38534. Two grades are fully tested
and operate the full military temperature range without
derating of output power. Industrial and commercial
grades are also available. Variations are electrical,
mechanical and screening can be accommodated.
n No Derating for -55°C to +125°C Opertation
Extensive computer simulation using complex
modeling enables rapid design modification to
be provided. Contact Advanced Analog with spe-
cific requirements.
PD - 94541


Similar Part No. - AHF2805DF/HB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHF2805DF/HB ETC1-AHF2805DF/HB Datasheet
185Kb / 14P
Hybrid - High Reliability DC/DC Converters
logo
International Rectifier
AHF2805DF/HB IRF-AHF2805DF/HB Datasheet
230Kb / 19P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - AHF2805DF/HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
28V Input, Single Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
28V Input, Single/Dual Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
28V Input, Triple Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
28V Input, Triple Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
28V Input, Single/Dual Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
28V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com