Electronic Components Datasheet Search
  English  ▼

X  

FCA12077 Datasheet(PDF) 10 Page - Ledil, Inc.

Part # FCA12077
Description  ~5째 real spot beam optimized for CREE XP-E
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA12077 Datasheet(HTML) 10 Page - Ledil, Inc.

Back Button FCA12077 Datasheet HTML 6Page - Ledil, Inc. FCA12077 Datasheet HTML 7Page - Ledil, Inc. FCA12077 Datasheet HTML 8Page - Ledil, Inc. FCA12077 Datasheet HTML 9Page - Ledil, Inc. FCA12077 Datasheet HTML 10Page - Ledil, Inc. FCA12077 Datasheet HTML 11Page - Ledil, Inc. FCA12077 Datasheet HTML 12Page - Ledil, Inc. FCA12077 Datasheet HTML 13Page - Ledil, Inc. FCA12077 Datasheet HTML 14Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PRODUCT
DATASHEET
FCA12077_IRIS
PHOTOMETRIC DATA (SIMULATED):
LED
XQ-E HD
FWHM
5.0°
Efficiency
93 %
Peak intensity
80 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
LED
LUXEON H50-2
FWHM
7.0°
Efficiency
94 %
Peak intensity
38.6 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
LED
LUXEON SunPlus 20 Line (150 deg)
FWHM
6.0°
Efficiency
90 %
Peak intensity
42.7 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
LED
LUXEON SunPlus 35 Line
FWHM
6.0°
Efficiency
94 %
Peak intensity
49.9 cd/lm
LEDs/each optic
1
Light colour
Blue
Required components:
Last update: 21/11/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com