Electronic Components Datasheet Search
  English  ▼

X  

ACT4435N Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT4435N
Description  Standard Products ACT4435N Transceiver for H009 Specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4435N Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT4435N Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4435N Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4435N Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4435N Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4435N Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4435N Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PLAINVIEW, NEW YORK
Toll Free: 800-THE-1553
Fax: 516-694-6715
SE AND MID-ATLANTIC
Tel: 321-951-4164
Fax: 321-951-4254
INTERNATIONAL
Tel: 805-778-9229
Fax: 805-778-1980
WEST COAST
Tel: 949-362-2260
Fax: 949-362-2266
NORTHEAST
Tel: 603-888-3975
Fax: 603-888-4585
CENTRAL
Tel: 719-594-8017
Fax: 719-594-8468
w w w . a e r o f l e x. co m
i n f o - a m s @ a e r o f l e x. co m
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused
Aeroflex Microelectronic Solutions reserves the right to
change at any time without notice the specifications, design,
function, or form of its products described herein. All
parameters must be validated for each customer's application
by engineering. No liability is assumed as a result of use of
this product. No patent licenses are implied.
SCD4435N Rev B
CONFIGURATIONS AND ORDERING INFORMATION
Model No.
DESC No.
Receiver Data level
Case
Specs.
ACT4435N
To Be Assigned
Normally High
Plug In
H009
ACT4435N-FP
Normally High
Flat Pack
ACT4435N-701
-
Normally High
Plug In
H009
Commercial (0°C - 70°C)
1.27
MAX
24
13
12
FLAT PACKAGE
1.10
MAX
0.24
MIN
0.018 DIA.
±0.002
0.10 Typ
±0.002
1.27 MAX
0.080 ±0.015
0.009
±0.002
Notes 1. Dimensions shown are in inches.
2. Pins are equally spaced at 0.100±0.002 tolerance non-cumulative each row.
1.27 MAX
1.10
1.27 MAX
0.017
0.400
MAX
2 sides
PLUG-IN PACKAGE
0.100
0.167 for Low Profile Flat Pack
0.200 for Std Flat Pack
1. TX DATA OUT
2. TX DATA OUT
3. TX GND (+5V)
4. +15V (TX)
5. EXT. DATA THRES
6. INT. DATA THRES
7. RX DATA OUT
8. STROBE
9. RX GND (+5V)
10. RXDATA OUT
11. INT DATA THRES
12. EXT DATA THRES
13. +15V (RX)
14. N.C.
15. RX DATA IN
16. RX DATA IN
17. GND
18. CASE GND
19. -15V (RX)
20. +5V
21. TX INHIBIT
22. TX DATA IN
23. TX DATA IN
24. -15V (TX)
PIN CONNECTIONS
Pin 1 & ESD
Designator
0.175
Pin 1 & ESD
Designator
PACKAGE CONFIGURATIONS AND PINOUTS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com