Electronic Components Datasheet Search
  English  ▼

X  

ACT4435N-FP Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT4435N-FP
Description  Standard Products ACT4435N Transceiver for H009 Specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4435N-FP Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT4435N-FP Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4435N-FP Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4435N-FP Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4435N-FP Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4435N-FP Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4435N-FP Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SCD4435N Rev B
5
FIGURE 3 – TRANSMITTER (TX) OUTPUT
FIGURE 4 – TRANSMITTER (TX) OUTPUT
FIGURE 5 – TYPICAL TRANSFORMER
17V P-P MIN
24V P-P MAX
90%
10%
tr*
tf*
* Rise and fall times measured at point A-A’ in Fig 5
0 Volts
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
*Offset measured at point A-A’ in Fig 5
0 Volts
Magnified View
FIGURE 6 – POWER DISSIPATION VS.
CONNECTION
WAVEFORM
OFFSET
DUTY CYCLE
N1:N2
A
A’
TX DATA OUT
TX DATA OUT
RX DATA IN
RX DATA IN
35
Ω
35
Ω
Transformer turns ratio:
N1:N2 = 1:1
Use Aeroflex 25T1553-1
170
Ω
0
10
20
30
40
50
60
70
80
90 100
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
DUTY CYCLE, PERCENT
(TYPICAL)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com