Electronic Components Datasheet Search
  English  ▼

X  

M55342 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M55342
Description  QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M55342 Datasheet(HTML) 2 Page - Vishay Siliconix

  M55342 Datasheet HTML 1Page - Vishay Siliconix M55342 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
41
E / H
Vishay Thin Film
Document Number: 60018
Revision 08-Oct-04
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
DIMENSIONS (Continued)
D
W
L
T
E
QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
CASE
MAX.
POWER RATING (mW)
RESISTANCE
SIZE
WORKING
CHARACTERISTIC
RANGE (ohms)
VOLTAGE
E & H
K
(0.1%)
(1%, 2%, 5%, 10%)
M55342/01
40
10
20
100 – 130K
59 – 130K
M55342/02
40
25
50
100 – 301K
20 – 301K
M55342/03
40
50
100
100 – 649K
10 – 649K
M55342/04
40
100
150
100 – 1M
10 – 1M
M55342/05
40
200
225
100 – 1.75M
10 – 1.75M
M55342/06
50
50
100
100 – 475K
10 – 475K
D55342/07
100
125
250
100 – 1M
10 – 1M
M55342/08
150
400
800
100 – 2M
10 – 2M
M55342/09
200
500
1000
100 – 3M
10 – 3M
M55342/10
75
250
500
100 – 1M
50 – 1M
M55342/11
25
40
40
100 – 71.5K
59 – 71.5K
M55342/12
50
70
70
100 – 160K
20 – 160K
Resistive Element
Tamelox®
Substrate Material
Alumina
Terminals
Gold Over Nickel
Plating
SN 60/40
TEST
MIL-PRF-55342
VISHAY
LIMITS
PERFORMANCE
(
∆R ±)(∆R ±)
Thermal Shock
0.1%
0.020%
Low Temperature Operation
0.1%
0.025%
Short Time Overload
0.1%
0.050%
High Temperature Exposure
0.1%
0.009%
Resistance to Bonding
0.2%
0.006%
Moisture Resistance
0.2%
0.004%
TCR
± 25ppm/°C< 15ppm/°C
Life (2000 hrs @ + 70°C)
0.5%
0.0184%
Life (10,000 hrs @ + 70°C)
2.0%
0.04%
ENVIRONMENTAL TESTS
MECHANICAL SPECIFICATIONS
FSCM CAGE # - 57489
Series
TCR Characteristic
Case Size
Termination
Value and Tolerance
Failure Rate
M55342
E = ±25 ppm/°C
01
B = Solderable
Three digits and a letter.
M = 1.0%
≥ 49.9 ohms vs 100 ohms
02
wraparound
Letter identifies tolerance,
per 1000 hrs.
or
03
(nickel barrier)
acts as multiplier and
H = ±50 ppm/°C
04
decimal locator.
P = 0.1%
D55342
05
per 1000 hrs.
per 1000 hrs.
/07
06
Tolerance
K = ±100 ppm/°C
07
0.1% 1% 2% 5% 10%
R =0.01%
08
Multiplier (X1Ω)A D G J M
per 1000 hrs.
09
(X1KΩ)B E H K N
10
(X1MΩ)C F T L P C
= Non ER
11
12
How to Order
Example: M55342K06B5E60R calls out QPL nickel barrier solderable wraparound termination chip resistor, 0705 size,
5600 ohms ±1.0%, ±100 ppm/°C TCR and “R” failure rate or 0.01% per 1,000 hours.
Consult factory for other sizes.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com