Electronic Components Datasheet Search
  English  ▼

X  

CP17154 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP17154
Description  ~20째 wide beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP17154 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP17154 Datasheet HTML 1Page - Ledil, Inc. CP17154 Datasheet HTML 2Page - Ledil, Inc. CP17154 Datasheet HTML 3Page - Ledil, Inc. CP17154 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP17154_LEILA-2X8-M
LEILA-2X8-M
~20° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
175.0 x 43.0 mm
Height
14.3 mm
Fastening
pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LXP2-M
Single lens
PMMA
clear
LEILA-FRAME-2X8
Holder
PC
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CP17154_LEILA-2X8-M
» Box size: 480 x 280 x 300 mm
Single lens
160
20
10
9.5
Last update: 31/03/2020
Subject to change without prior notice
Published: 01/04/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CP17154

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP17151 LEDIL-CP17151 Datasheet
2Mb / 4P
~10째 spot beam
CP17153 LEDIL-CP17153 Datasheet
2Mb / 4P
~12째 spot beam
More results

Similar Description - CP17154

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13325 LEDIL-F13325 Datasheet
15Mb / 33P
~20째 spot beam
C10386 LEDIL-C10386 Datasheet
2Mb / 5P
~20째 medium beam
C10436 LEDIL-C10436 Datasheet
1Mb / 4P
~20째 medium beam
C10373 LEDIL-C10373 Datasheet
2Mb / 4P
~20째 medium beam
C10633 LEDIL-C10633 Datasheet
2Mb / 4P
~20째 medium beam
F16885 LEDIL-F16885 Datasheet
2Mb / 4P
~20째 medium beam
F15538 LEDIL-F15538 Datasheet
3Mb / 6P
~20째 beam
C12286 LEDIL-C12286 Datasheet
2Mb / 6P
~20째 medium beam
C10921 LEDIL-C10921 Datasheet
1Mb / 6P
~20째 spot beam
CP13134 LEDIL-CP13134 Datasheet
1Mb / 4P
~20째 spot beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com