Electronic Components Datasheet Search
  English  ▼

X  

28C010T Datasheet(PDF) 13 Page - Maxwell Technologies

Part # 28C010T
Description  1 Megabit (128K x 8-Bit) EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

28C010T Datasheet(HTML) 13 Page - Maxwell Technologies

Back Button 28C010T Datasheet HTML 9Page - Maxwell Technologies 28C010T Datasheet HTML 10Page - Maxwell Technologies 28C010T Datasheet HTML 11Page - Maxwell Technologies 28C010T Datasheet HTML 12Page - Maxwell Technologies 28C010T Datasheet HTML 13Page - Maxwell Technologies 28C010T Datasheet HTML 14Page - Maxwell Technologies 28C010T Datasheet HTML 15Page - Maxwell Technologies 28C010T Datasheet HTML 16Page - Maxwell Technologies 28C010T Datasheet HTML 17Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
1 Megabit (128K x 8-Bit) EEPROM
28C010T
06.03.03 REV 14
WE, CE Pin Operation
During a write cycle, addresses are latched by the falling edge of WE or CE, and data is latched by the rising edge of
WE or CE.
Data Polling
Data Polling function allows the status of the EEPROM to be determined. If EEPROM is set to read mode during a
write cycle, an inversion of the last byte of data to be loaded outputs from I/O 7 to indicate that the EEPROM is per-
forming a write operation.
RDY/Busy Signal
RDY/Busy signal also allows a comparison operation to determine the status of the EEPROM. The RDY/Busy signal
has high impedance except in write cycle and is lowered to V
OL after the first write signal. At the-end of a write cycle,
the RDY/Busy signal changes state to high impedance.
RES Signal
When RES is LOW, the EEPROM cannot be read and programmed. Therefore, data can be protected by keeping
RES low when V
CC is switched. RES should be high during read and programming because it doesn’t provide a latch
function.
Data Protection
To protect the data during operation and power on/off, the EEPROM has the internal functions described below.
1. Data Protection against Noise of Control Pins (CE, OE, WE) during Operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com