Electronic Components Datasheet Search
  English  ▼

X  

MM58242V Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58242V
Description  High Voltage Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58242V Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM58242V Datasheet HTML 1Page - National Semiconductor (TI) MM58242V Datasheet HTML 2Page - National Semiconductor (TI) MM58242V Datasheet HTML 3Page - National Semiconductor (TI) MM58242V Datasheet HTML 4Page - National Semiconductor (TI) MM58242V Datasheet HTML 5Page - National Semiconductor (TI) MM58242V Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Input Pin
VDD a 03V to VSS b03V
Voltage at Any Display Pin
VDD to VDD b625V
VDD a
lVDISl
625V
Storage Temperature
b
65 Cto a150 C
Power Dissipation at a25 C
Molded DIP Package Board Mount
203W
Molded DIP Package Socket Mount
183W
Junction Temperature
130 C
Lead Temperature (Soldering 10 sec)
260 C
Molded DIP Package Board Mount iJA e 52 CW
Derate 192 mW C above a25 C
Molded DIP Package Socket Mount iJA e 58 CW
Derate 172 mW C above a25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VDD)
VSS e 0V
45
55
V
Display Voltage (VDIS)
b
55
b
25
V
Temperature Range
b
40
a
85
C
DC Electrical Characteristics
TA eb40 Cto a85 C VDD e 5V g05V VSS e 0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Power Supply Currents
VIN e VSS or VDD VSS e 0V VDIS Disconnected
150
m
A
IDIS
VDD e 55V VSS e 0V VDIS e 55V
10
mA
All Outputs Low
Input Logic Levels
DATA IN CLOCK
ENABLE BLANK
VIL
Logic ‘0’
08
V
VIH
Logic ‘1’
(Note 1)
24
V
Data Output Logic Levels
VOL
Logic ‘0’
IOUT e 400 mA
04
V
VOH
Logic ‘1’
IOUT eb10 mAVDDb05
V
VOH
Logic ‘1’
IOUT eb500 mA
28
V
IIN
Input Currents
VIN e 0V or VDD
b
10
10
m
A
DATA IN CLOCK
ENABLE BLANK
CIN
Input Capacitance
15
pF
DATA IN CLOCK
ENABLE BLANK
Display Output Impedances
VDD e 55V VSS e 0V
ROFF
Output Off
(Figure 3a)
VDIS eb25V
60
400
kX
VDIS eb40V
70
550
kX
VDIS eb55V
80
650
kX
RON
Output On
(Figure 3b)
VDIS eb25V
30
40
kX
VDIS e 40V
26
37
kX
VDIS eb55V
23
34
kX
VDOL
Display Output Low Voltage
VDD e 55V IOUT e Open Circuit
VDIS
VDISa4V
b
55V s VDIS s b25V
Note 1
74LSTTL VOH e 27V
IOUT eb400 mA TTL VOH e 24V
IOUT eb400 mA
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com