Electronic Components Datasheet Search
  English  ▼

X  

C11347 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11347
Description  ~9째 spot beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11347 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11347 Datasheet HTML 1Page - Ledil, Inc. C11347 Datasheet HTML 2Page - Ledil, Inc. C11347 Datasheet HTML 3Page - Ledil, Inc. C11347 Datasheet HTML 4Page - Ledil, Inc. C11347 Datasheet HTML 5Page - Ledil, Inc. C11347 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C11347_REGINA
REGINA
~9° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 19.0 mm
Height
15.3 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
Coating
REGINA
Reflector
PC
metal
lacquer
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C11347_REGINA
» Box size: 480 x 280 x 300 mm
1680
336
112
3.2
Last update: 24/11/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - C11347

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C11347 CREE-C11347 Datasheet
835Kb / 12P
Regina series
logo
Ledil, Inc.
C11347-REGINA LEDIL-C11347-REGINA Datasheet
386Kb / 7P
PRODUCT DATASHEET Regina series
More results

Similar Description - C11347

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10318 LEDIL-CA10318_18 Datasheet
2Mb / 4P
~9째 smooth spot beam. Assembly with tape
CA10321 LEDIL-CA10321 Datasheet
2Mb / 4P
~9째 smooth spot beam
CN15529 LEDIL-CN15529 Datasheet
7Mb / 7P
~9째 spot beam with holder
C16671 LEDIL-C16671 Datasheet
7Mb / 6P
~9째 spot beam with flange. Optimized for high-power 3535 size LED packages.
F12916 LEDIL-F12916 Datasheet
1Mb / 6P
~5.1째 spot beam
C12041 LEDIL-C12041 Datasheet
3Mb / 6P
~13째 spot beam
CX15577 LEDIL-CX15577 Datasheet
7Mb / 8P
~9째 spot beam with holder and installation tape
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
~15째 spot beam
CA12537 LEDIL-CA12537 Datasheet
4Mb / 11P
~8째 spot beam
FCP14965 LEDIL-FCP14965 Datasheet
5Mb / 6P
~10째 spot beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com