Electronic Components Datasheet Search
  English  ▼

X  

FA10665 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA10665
Description  ~30째 medium beam optimized for CREE XP-E.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA10665 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA10665 Datasheet HTML 1Page - Ledil, Inc. FA10665 Datasheet HTML 2Page - Ledil, Inc. FA10665 Datasheet HTML 3Page - Ledil, Inc. FA10665 Datasheet HTML 4Page - Ledil, Inc. FA10665 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FA10665_CXP-M
CXP-M
~30° medium beam optimized for CREE XP-E.
Assembly with black holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 mm
Height
13.2 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
ROSE-B-B-M
Single lens
PC
clear
ROSE-HLD-CXP-BLK
Holder
PC
black
ROSE-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FA10665_CXP-M
» Box size:
Single lens
2448
288
144
12.3
Last update: 27/06/2013
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - FA10665

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA10665 CREE-FA10665 Datasheet
580Kb / 9P
Rose series
More results

Similar Description - FA10665

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10645 LEDIL-FA10645_18 Datasheet
2Mb / 6P
~30째 medium beam optimized for CREE XP-E.
CA12377 LEDIL-CA12377_18 Datasheet
9Mb / 11P
~30째 medium beam optimized for CREE XP-E.
CA11355 LEDIL-CA11355 Datasheet
1Mb / 6P
~30째 medium beam optimized for CREE XP-E.
CA11483 LEDIL-CA11483 Datasheet
2Mb / 7P
~25째 medium beam optimized for CREE XP-E.
CA11837 LEDIL-CA11837 Datasheet
2Mb / 10P
~30째 medium beam optimized for CREE XP-E
FA10660 LEDIL-FA10660 Datasheet
2Mb / 7P
~25째 medium beam optimized for CREE XP-E
FA11450 LEDIL-FA11450 Datasheet
1Mb / 5P
~30째 medium beam optimized for CREE XP-E
FCA12792 LEDIL-FCA12792 Datasheet
4Mb / 5P
~25째 medium beam optimized for CREE XP-E.
FP11075 LEDIL-FP11075 Datasheet
1Mb / 6P
~20째 medium beam optimized for CREE XP-E.
CA11017 LEDIL-CA11017 Datasheet
2Mb / 7P
~30째 medium beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com