Electronic Components Datasheet Search
  English  ▼

X  

2FA11993 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # 2FA11993
Description  Soft wide beam with good illuminance uniformity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

2FA11993 Datasheet(HTML) 1 Page - Ledil, Inc.

  2FA11993 Datasheet HTML 1Page - Ledil, Inc. 2FA11993 Datasheet HTML 2Page - Ledil, Inc. 2FA11993 Datasheet HTML 3Page - Ledil, Inc. 2FA11993 Datasheet HTML 4Page - Ledil, Inc. 2FA11993 Datasheet HTML 5Page - Ledil, Inc. 2FA11993 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
2FA11993_STRADA-T-DW-EP
STRADA-T-DW-EP
Soft
wide
beam
with
good
illuminance
uniformity. No position element. Assembly with
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
10.7 mm
Fastening
tape, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-T-DW-EP
Single lens
PMMA
clear
VOSU-WU-M-365-TAPE
Tape
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
2FA11993_STRADA-T-DW-EP
» Box size:
Single lens
2880
240
5.1
Last update: 23/11/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - 2FA11993

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
2FA11993 CREE-2FA11993 Datasheet
444Kb / 7P
Strada series
More results

Similar Description - 2FA11993

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10757 LEDIL-C10757 Datasheet
968Kb / 4P
Soft wide beam with good illuminance uniformity optimized for CREE XR-E.
CA13501 LEDIL-CA13501 Datasheet
1Mb / 6P
Soft wide beam with good illuminance uniformity. Assembly with installation tape.
C13500 LEDIL-C13500 Datasheet
1Mb / 5P
Soft wide beam with good illuminance uniformity
CA11819 LEDIL-CA11819 Datasheet
1Mb / 5P
Soft wide beam with good illuminance uniformity
C11818 LEDIL-C11818 Datasheet
1Mb / 4P
Soft wide beam with good illuminance uniformity
C11891 LEDIL-C11891 Datasheet
1Mb / 5P
Soft wide beam with good illuminance uniformity
CA11892 LEDIL-CA11892 Datasheet
1Mb / 6P
Soft wide beam with good illuminance uniformity.
2F11898 LEDIL-2F11898 Datasheet
1Mb / 6P
Soft wide beam with good illuminance uniformity
C11918 LEDIL-C11918 Datasheet
2Mb / 7P
Soft wide beam with good illuminance uniformity
CA11426 LEDIL-CA11426 Datasheet
1Mb / 7P
Soft wide beam with good illuminance uniformity optimized for CREE XP-G
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com