Electronic Components Datasheet Search
  English  ▼

X  

C13234 Datasheet(PDF) 6 Page - Ledil, Inc.

Part # C13234
Description  ~19째 spot beam optimized for CREE XT-E
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13234 Datasheet(HTML) 6 Page - Ledil, Inc.

  C13234 Datasheet HTML 1Page - Ledil, Inc. C13234 Datasheet HTML 2Page - Ledil, Inc. C13234 Datasheet HTML 3Page - Ledil, Inc. C13234 Datasheet HTML 4Page - Ledil, Inc. C13234 Datasheet HTML 5Page - Ledil, Inc. C13234 Datasheet HTML 6Page - Ledil, Inc. C13234 Datasheet HTML 7Page - Ledil, Inc. C13234 Datasheet HTML 8Page - Ledil, Inc. C13234 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PRODUCT
DATASHEET
C13234_SATU-S
PHOTOMETRIC DATA (MEASURED):
LED
OSLON SSL 80
FWHM
18.0°
Efficiency
81 %
Peak intensity
4.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
LH351Z
FWHM
24.0°
Efficiency
87 %
Peak intensity
3.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
Z5M1/Z5M2
FWHM
27.0°
Efficiency
93 %
Peak intensity
2.8 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
Last update: 17/11/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com