Electronic Components Datasheet Search
  English  ▼

X  

CA10914 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10914
Description  Oval beam for area lighting optimized for Golden Dragon.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10914 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10914 Datasheet HTML 1Page - Ledil, Inc. CA10914 Datasheet HTML 2Page - Ledil, Inc. CA10914 Datasheet HTML 3Page - Ledil, Inc. CA10914 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA10914_STRADA-B
STRADA-B
Oval beam for area lighting optimized for
Golden Dragon+. Assembly with installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
6.4 mm
Fastening
tape, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-B
Single lens
PMMA
clear
VOSU-WU-M-365-TAPE
Tape
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA10914_STRADA-B
» Box size: 451 x 254 x 197 mm
Single lens
4320
240
240
0.0
Last update: 15/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CA10914

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA10914 CREE-CA10914 Datasheet
369Kb / 5P
Strada series
More results

Similar Description - CA10914

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10642 LEDIL-FA10642_18 Datasheet
2Mb / 5P
~16째 diffused spot beam optimized for Osram Golden Dragon
FA10643 LEDIL-FA10643_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA12047 LEDIL-CA12047_18 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Golden Dragon
C10915 LEDIL-C10915_18 Datasheet
2Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways optimized for Golden Dragon
CP10444 LEDIL-CP10444 Datasheet
943Kb / 4P
~20째 smooth spot beam optimized for Golden Dragon
C14128 LEDIL-C14128 Datasheet
1Mb / 4P
Oval beam for area lighting
C10949 LEDIL-C10949 Datasheet
1Mb / 7P
Wide oval beam for area lighting
CP11626 LEDIL-CP11626 Datasheet
1Mb / 4P
~15째 spot beam optimized for Golden Dragon
CA10950 LEDIL-CA10950 Datasheet
1Mb / 6P
Wide oval beam for area lighting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com