Electronic Components Datasheet Search
  English  ▼

X  

CA10927 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10927
Description  Oval beam for area lighting optimized for CREE XP-E and XP-G
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10927 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10927 Datasheet HTML 1Page - Ledil, Inc. CA10927 Datasheet HTML 2Page - Ledil, Inc. CA10927 Datasheet HTML 3Page - Ledil, Inc. CA10927 Datasheet HTML 4Page - Ledil, Inc. CA10927 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA10927_STRADA-B
STRADA-B
Oval beam for area lighting optimized for CREE
XP-E and XP-G. Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
5.2 mm
Fastening
tape, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-B
Single lens
PMMA
clear
VOSU-WU-M-365-TAPE
Tape
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA10927_STRADA-B
» Box size: 480 x 280 x 300 mm
Single lens
4320
240
4.7
Last update: 15/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CA10927

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA10927 CREE-CA10927 Datasheet
440Kb / 7P
Strada series
More results

Similar Description - CA10927

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11052 LEDIL-CA11052_18 Datasheet
3Mb / 7P
~35째 15째 oval beam optimized for CREE XP-E.
C11816 LEDIL-C11816 Datasheet
1Mb / 4P
Beam for area lighting with shorter illumination distances. Optimized for CREE XP-G and XP-E.
C10926 LEDIL-C10926 Datasheet
1Mb / 5P
Oval beam for area lighting optimized for CREE XP-E and XP-G
C12049 LEDIL-C12049 Datasheet
1Mb / 6P
Forward throw beam for area lighting optimized for XP-G and XP-E
CA13307 LEDIL-CA13307 Datasheet
3Mb / 8P
Oval beam for wall-washing optimized for CREE XP-E.
CA14511 LEDIL-CA14511 Datasheet
7Mb / 13P
~10째 x 40째 oval beam optimized for CREE XP-E.
CA14512 LEDIL-CA14512 Datasheet
2Mb / 7P
~10째 x 40째 oval beam optimized for CREE XP-E.
FA10669 LEDIL-FA10669 Datasheet
1Mb / 5P
~45째 15째 oval beam optimized for CREE XP-E.
CA11416 LEDIL-CA11416 Datasheet
1Mb / 9P
Beam for area lighting with shorter illumination distances optimized for CREE XP-G
CA12050 LEDIL-CA12050 Datasheet
1Mb / 9P
Forward throw beam for area lighting optimized for XP-G and XP-E.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com