Electronic Components Datasheet Search
  English  ▼

X  

TA8229 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TA8229
Description  LOW FREQUENCY POWER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA8229 Datasheet(HTML) 2 Page - Unisonic Technologies

  TA8229 Datasheet HTML 1Page - Unisonic Technologies TA8229 Datasheet HTML 2Page - Unisonic Technologies TA8229 Datasheet HTML 3Page - Unisonic Technologies TA8229 Datasheet HTML 4Page - Unisonic Technologies TA8229 Datasheet HTML 5Page - Unisonic Technologies TA8229 Datasheet HTML 6Page - Unisonic Technologies TA8229 Datasheet HTML 7Page - Unisonic Technologies TA8229 Datasheet HTML 8Page - Unisonic Technologies TA8229 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UTC TA8229
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R107-028,A
BLOCK DIAGRAM
HSIP-15
+
-
14
15
7
4
8
1
VCC2
B.S.1
IN1
NF1
45Ω
30kΩ
OUT1
Ch-1
10
5
RIPPLE
IN2
NF2
45Ω
13
Pre-GND1.
9
11
+
-
12
BIAS CIRCUIT
THERMAL SHUT
DOWN PROTECTION
CIRCUIT
Ch-2
OUT2
30kΩ
Pre-GND2.
pin : NC
2
6
B.S.2
3
Power-GND
VCC1
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
20
V
Output Current (Peak/CH)
IO (peak)
2.5
A
Power Dissipation
PD (Note)
15.0
W
Operating Temperature
Topr
-20 ~ 75
℃
Storage Temperature
Tstg
-55 ~ 150
℃
Note: Derated above Ta = 25℃ in the proportion of 120mW/℃.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com