Electronic Components Datasheet Search
  English  ▼

X  

C11193 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11193
Description  ~16째 medium beam
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11193 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11193 Datasheet HTML 1Page - Ledil, Inc. C11193 Datasheet HTML 2Page - Ledil, Inc. C11193 Datasheet HTML 3Page - Ledil, Inc. C11193 Datasheet HTML 4Page - Ledil, Inc. C11193 Datasheet HTML 5Page - Ledil, Inc. C11193 Datasheet HTML 6Page - Ledil, Inc. C11193 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
C11193_TUIJA-3-M
TUIJA-3-M
~16° medium beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 50.0 mm
Height
14.5 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
TUIJA-3-M
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C11193_TUIJA-3-M
» Box size: 480 x 280 x 300 mm
364
112
28
6.6
Last update: 27/10/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - C11193

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C11193 CREE-C11193 Datasheet
1Mb / 13P
Tuija series
logo
Ledil, Inc.
C11193_TUIJA-3-M-XP LEDIL-C11193_TUIJA-3-M-XP Datasheet
897Kb / 5P
Tuija-3 lenses for Cree XP-E
2009-11-28
More results

Similar Description - C11193

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCP14964 LEDIL-FCP14964 Datasheet
6Mb / 6P
~16째 smooth spot beam
FCP15343 LEDIL-FCP15343 Datasheet
6Mb / 6P
~16째 smooth spot beam
CP14993 LEDIL-CP14993 Datasheet
9Mb / 8P
~16째 smooth spot beam
CP13073 LEDIL-CP13073 Datasheet
2Mb / 5P
~16째 16째 rectangular beam
FCA15448 LEDIL-FCA15448 Datasheet
10Mb / 6P
~16째 smooth spot beam
CA14308 LEDIL-CA14308 Datasheet
3Mb / 5P
~16째 diffused spot beam
CP12671 LEDIL-CP12671 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized
CP12818 LEDIL-CP12818 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized
CP17593 LEDIL-CP17593 Datasheet
1Mb / 4P
~16째 diffused spot beam
FA11205 LEDIL-FA11205 Datasheet
2Mb / 7P
~16째 diffused spot beam.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com