Electronic Components Datasheet Search
  English  ▼

X  

C16039 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16039
Description  IESNA Type III (medium) beam for typical road lighting setups
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16039 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16039 Datasheet HTML 1Page - Ledil, Inc. C16039 Datasheet HTML 2Page - Ledil, Inc. C16039 Datasheet HTML 3Page - Ledil, Inc. C16039 Datasheet HTML 4Page - Ledil, Inc. C16039 Datasheet HTML 5Page - Ledil, Inc. C16039 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C16039_STRADELLA-8-T3-PC
STRADELLA-8-T3-PC
IESNA Type III (medium) beam for typical road
lighting setups. Variant made from PC.
TECHNICAL SPECIFICATIONS:
Dimensions
49.5 mm
Height
5.7 mm
Fastening
pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADELLA-8-T3-PC
Multi-lens
PC
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C16039_STRADELLA-8-T3-PC
» Box size: 476 x 273 x 292 mm
800
160
160
5.7
Last update: 23/08/2019
Subject to change without prior notice
Published: 24/07/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - C16039

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1603 ETC-C1603 Datasheet
39Kb / 1P
Acatel ADSL XFMR, UL1459 Alcatel Release 3.0 and 4.0, Customer Premise
logo
General Cable Technolog...
C1603 GENERAL-C1603 Datasheet
73Kb / 1P
CONTROL CABLE
logo
Ledil, Inc.
C16038 LEDIL-C16038 Datasheet
2Mb / 5P
IESNA Type II (medium) beam applicable for European P-class
More results

Similar Description - C16039

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15035 LEDIL-C15035 Datasheet
6Mb / 10P
IESNA Type III (medium) beam for typical road lighting setups
CS15871 LEDIL-CS15871 Datasheet
7Mb / 6P
IESNA Type III Medium beam
CS16104 LEDIL-CS16104 Datasheet
3Mb / 6P
IESNA Type III (medium) beam
C16280 LEDIL-C16280 Datasheet
908Kb / 3P
IESNA Type III (medium) beam
CS13756 LEDIL-CS13756 Datasheet
3Mb / 6P
Universal road lighting (IESNA Type II medium) beam
CS15055 LEDIL-CS15055 Datasheet
7Mb / 6P
Universal road lighting (typically IESNA Type III medium) beam
C15540 LEDIL-C15540 Datasheet
2Mb / 4P
IESNA Type III (medium) beam
CS14143 LEDIL-CS14143 Datasheet
5Mb / 17P
IESNA Type III (medium) beam for roads
CS15751 LEDIL-CS15751 Datasheet
3Mb / 11P
Universal road lighting (typically IESNA Type lll medium) beam
FN14976 LEDIL-FN14976 Datasheet
7Mb / 15P
Universal road lighting (IESNA Type II Medium) beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com