Electronic Components Datasheet Search
  English  ▼

X  

1SS176 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1SS176
Description  HIGH SPEED SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1SS176 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1SS176 Datasheet HTML 1Page - EIC discrete Semiconductors 1SS176 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS176
HIGH SPEED SWITCHING DIODE
FEATURES :
• High switching speed: max. 4 ns
• Continuous reverse voltage:max. 30 V
• Repetitive peak reverse voltage:max. 35 V
• Pb / RoHS Free
MECHANICAL DATA :
Case: DO-34 Glass Case
Weight: approx. 0.093g
Maximum Ratings and Thermal Characteristics (Rating at 25 °C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
VRRM
35
V
VRM
30
V
Maximum Average Forward Current
IF
100
mA
Maximum Peak Forward Current
IFM
300
mA
Maximum Power Dissipation
PD
300
mW
Maximum Non-repetitive Peak Forward Current
IFSM
1000
mA
Maximum Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to + 175
°C
Electrical Characteristics (Ta = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reverse Current
IR
VR = 35 V
-
-
0.5
μA
Forward Voltage
VF
IF = 100 mA
-
-
1.2
V
Capacitance between terminals
CT
-
-
3.0
pF
IF = 10 mA , VR = 6 V
RL = 50 Ω
Page 1 of 2
Rev. 03 : December 3, 2008
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum Continuous Reverse Voltage
Test Condition
f = 1MHz ; VR = 0.5 V
Reverse Recovery Time
ns
4.0
-
-
Trr
DO - 34 Glass
Dimensions in inches and ( millimeters )
0.078 (2.0 )max.
0.118 (3.0)
max.
0.017 (0.43)max.
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
www.eicsemi.com


Similar Part No. - 1SS176

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1SS176 LRC-1SS176 Datasheet
82Kb / 3P
SWITCHING DIODES
logo
SEMTECH ELECTRONICS LTD...
1SS176 SEMTECH_ELEC-1SS176 Datasheet
115Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
SynSemi, Inc.
1SS176 SYNSEMI-1SS176 Datasheet
29Kb / 2P
HIGH SPEED SWITCHING DIODE
logo
Toshiba Semiconductor
1SS176 TOSHIBA-1SS176 Datasheet
186Kb / 2P
Silicon Epitaxial Planar Type Diode
More results

Similar Description - 1SS176

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com