Electronic Components Datasheet Search
  English  ▼

X  

BAX14 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BAX14
Description  SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAX14 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BAX14 Datasheet HTML 1Page - EIC discrete Semiconductors BAX14 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAX14
SWITCHING DIODE
FEATURES :
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage: max. 20 V
• Repetitive peak reverse voltage: max. 40 V
• Repetitive peak forward current: max. 2 A.
• Pb / RoHS Free
MECHANICAL DATA :
Case: DO-35 Glass Case
Weight: approx. 0.13g
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
VRRM
40
V
VRM
20
V
Maximum Continuous Forward Current
IF
500
mA
Maximum Average Forward Current
IF(AV)
mA
Maximum Repetitive Peak Forward Current
IFRM
2
A
Maximum Non-repetitive Peak Forward Current at t = 10ms , Tj = 25
°C
IFSM
9
A
Maximum Power Dissipation
PD
450
mW
Maximum Junction Temperature
TJ
200
°C
Storage Temperature Range
TS
-65 to + 200
°C
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VR = 20 V
-
-
100
nA
VR = 20 V, Tj = 150°C
-
-
100
µA
Forward Voltage
VF
IF = 300 mA
0.75
-
1.0
V
Diode Capacitance
Cd
-
-
35
pF
IF = 30mA , IR = 30mA
IRR = 3mA , RL = 100 Ω
measured at IR = 3 mA
Page 1 of 2
Rev. 02 : March 25, 2005
400
ns
50
-
-
Test Condition
Reverse Recovery Time
Trr
f = 1MHz ; VR = 0
IR
Parameter
Reverse Current
Maximum Repetitive Peak Reverse Voltage
Maximum Continuous Reverse Voltage
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark


Similar Part No. - BAX14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAX14 PHILIPS-BAX14 Datasheet
37Kb / 7P
General purpose diode
1996 Sep 17
logo
SynSemi, Inc.
BAX14 SYNSEMI-BAX14 Datasheet
30Kb / 2P
SWITCHING DIODE
More results

Similar Description - BAX14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com