Electronic Components Datasheet Search
  English  ▼

X  

FA11200 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA11200
Description  ~35째 x 15째 oval beam optimized for CREE XP-E
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11200 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA11200 Datasheet HTML 1Page - Ledil, Inc. FA11200 Datasheet HTML 2Page - Ledil, Inc. FA11200 Datasheet HTML 3Page - Ledil, Inc. FA11200 Datasheet HTML 4Page - Ledil, Inc. FA11200 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FA11200_TINA-O
TINA-O
~35° x 15° oval beam optimized for CREE XP-E.
Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
9.7 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
TINA-XP-O
Single lens
PMMA
clear
TINA-XP-H-TAPE-WHT
Holder
PC
white
TINA-TAPE3
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FA11200_TINA-O
» Box size: 470 x 240 x 105 mm
Single lens
2016
288
144
3.9
Last update: 25/05/2016
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - FA11200

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA11200 CREE-FA11200 Datasheet
1Mb / 20P
Tina series
More results

Similar Description - FA11200

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11052 LEDIL-CA11052_18 Datasheet
3Mb / 7P
~35째 15째 oval beam optimized for CREE XP-E.
CA12379 LEDIL-CA12379_18 Datasheet
5Mb / 11P
~35째 15째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
CP12680 LEDIL-CP12680 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized
CA11960 LEDIL-CA11960 Datasheet
2Mb / 10P
~15째 diffused spot beam optimized for CREE XP-E
CA14511 LEDIL-CA14511 Datasheet
7Mb / 13P
~10째 x 40째 oval beam optimized for CREE XP-E.
CA14512 LEDIL-CA14512 Datasheet
2Mb / 7P
~10째 x 40째 oval beam optimized for CREE XP-E.
CP11627 LEDIL-CP11627 Datasheet
2Mb / 6P
~15째 spot beam optimized for CREE XP-E
FA10662 LEDIL-FA10662 Datasheet
1Mb / 5P
~35째 x 25째 rectangular beam optimized for CREE XP-E
FA10669 LEDIL-FA10669 Datasheet
1Mb / 5P
~45째 15째 oval beam optimized for CREE XP-E.
FP11076 LEDIL-FP11076 Datasheet
1Mb / 7P
~35째 wide beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com