Electronic Components Datasheet Search
  English  ▼

X  

R135 Datasheet(PDF) 2 Page - Carling Technologies

Part # R135
Description  Rotary switche
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

R135 Datasheet(HTML) 2 Page - Carling Technologies

  R135 Datasheet HTML 1Page - Carling Technologies R135 Datasheet HTML 2Page - Carling Technologies R135 Datasheet HTML 3Page - Carling Technologies R135 Datasheet HTML 4Page - Carling Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Email: sales@carlingtech.com Application Support: team2@carlingtech.com
Phone: (860) 793–9281 Fax: (860) 793–9231
www.carlingtech.com
2 |
*Manufacturer reserves the right to change product specification without prior notice.
R135-Series - Rotary Switches - General Specifications, Ordering Scheme, Dimensional Specifications
Dielectric Strength
6.000[152.40]
.500[12.70]
.265[6.73]
.718[18.23]
.600[15.24]
.375[9.52] DIA
.500[12.70] DIA
.700[17.78] DIA
NYLON BEZEL MOUNTING HOLE
Snaps into .500[12.70] Dia. hole
Panel Thickness: .020[.508] to .078[1.98]
THREADED BUSHING MOUNTING HOLE
Fits into .375[9.52] Dia. hole
Bushing Length: .312[7.92]
ROTATION
OFF
ON
ON
OFF
Electrical Life
Operating Temperature
UL/CSA: 1000V - live to dead
metal parts
100,000 cycles
32°F to 185°F (0°C to 85°C)
2
Knob Color
1
Base Part Number
BL
R135-A
1 BASE PART NUMBER: SERIES / CIRCUITRY / RATING /
TERMINATION
Wire Leads
1.5A 250 VAC; 3A 125 VAC L; 5A 12 VDC
OFF-ON repeating
.375 threaded bushing
R135
OFF-ON repeating
nylon snap-in bezel
R135-A
2 KNOB COLOR 1
BL
Black
WH
White
Notes:
Standard Wire Leads are 6” long, stripped 1/2” black. If different length required, please specify
at the end of the part number. ex. R135-A-BL/20”. Panel Cut-Out Recommendations: For sheet
metal panels, switch must enter panel in same direction as the punch. Burr on bottom. Test cut
hole in actual material.
1
Custom colors available. Consult factory.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com